Electronic Components Datasheet Search
  English  ▼

X  

LED3WWW Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LED3WWW
Description  24V 3W LED Linkable Flat Striplight 3000K (310mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LED3WWW Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LED3WWW Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. LED3WWW Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LED3WWW
DESCRIPTION
24V 3W LED Linkable Flat Striplight 3000K (310mm)
NET WEIGHT (KG)
0.13
DIMENSIONS (MM)
Length - 310
Width - 33
Projection - 8
CONSTRUCTION
Construction - Aluminium
Construction 2 - & polycarbonate
CLASS
III
IP RATING
IP20
WATTAGE (W)
3
LAMP TECHNOLOGY
LED
LAMP INCLUDED
Yes
LUMENS (LM)
395
LUMENS LIGHT SOURCE ONLY (LM)
435
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
141.2
CIRCUIT WATTAGE (W)
3.1
CCT
3000K
LIGHT COLOUR
Warm White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.129
BEAM ANGLE (DEGREES)
90
L70B50 LIFESPAN (HRS)
35,000
DIMMABLE
Driver dependent
OPERATING TEMPERATURE
-20~40°C
INPUT VOLTAGE
24V DC
WARRANTY
1year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
www.mlaccessories.co.uk
LED3WWW
24V 3W LED Linkable Flat Striplight 3000K (310mm)
3
kWh/1000h
KNIGHTSBRIDGE
LED3WWW
A
B
C
D
E
F
G
D
3
kWh/1000h
KNIGHTSBRIDGE
LED3WWW
A
B
C
D
E
F
G
D


Similar Part No. - LED3WWW

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LED3WCW KNIGHTSBRIDGE-LED3WCW Datasheet
238Kb / 2P
24V 3W LED Linkable Flat Striplight 6000K
26/04/2024
More results

Similar Description - LED3WWW

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLV-313E1 LIGITEK-LGLV-313E1 Datasheet
195Kb / 13P
3W Power Light LED
LGLW-313E LIGITEK-LGLW-313E Datasheet
197Kb / 13P
3W Power Light LED
logo
List of Unclassifed Man...
QBHP684UE-PCAV ETC-QBHP684UE-PCAV Datasheet
964Kb / 10P
3W High Power LED
logo
Rohm
BM2P249TF ROHM-BM2P249TF Datasheet
926Kb / 10P
Non-Isolation Buck Converter PWM method Output 3W 24V
BM2P249TFVK-001 ROHM-BM2P249TFVK-001 Datasheet
926Kb / 10P
Non-Isolation Buck Converter PWM method Output 3W 24V
logo
Elite Enterprises (H.K....
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
3W Power LED
PM2B-3LXE-SD ELITE-PM2B-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
3W Power LED
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
3W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com