Electronic Components Datasheet Search
  English  ▼

X  

LEDAD36W Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDAD36W
Description  36W 24V Power Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDAD36W Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDAD36W Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDAD36W
DESCRIPTION
36W 24V Power Adaptor
NET WEIGHT (KG)
0.23
FINISH
White
DIMENSIONS (MM)
Length - 110
Height - 36
Width - 53
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP20
DIMMABLE
No
INPUT VOLTAGE
230V 50Hz
SECONDARY VOLTAGE
24V
DRIVER
DRIVER TYPE - Constant Voltage
MAX. OUTPUT - 36W
OUTPUT VOLTAGE - 24V
OUTPUT CURRENT - 0 - 1500mA
POWER FACTOR - 0.9
EFFICIENCY FULL LOAD - 88
ISOLATION - SELV
AMBIENT TEMPERATURE (Ta) - 40°C
CASE TEMPERATURE (Tc) - 75°C
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
EN 61347
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832996095
Date Created: 26/04/2024 05:53
www.mlaccessories.co.uk
LEDAD36W
36W 24V Power Adaptor


Similar Part No. - LEDAD36W

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LEDAD36 KNIGHTSBRIDGE-LEDAD36 Datasheet
188Kb / 1P
36W 24V Power Adaptor
26/04/2024
More results

Similar Description - LEDAD36W

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU204 MOSPEC-BU204 Datasheet
116Kb / 3P
POWER TRANSISTORS(2.5A,1300-1500V,36W)
logo
Mean Well Enterprises C...
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST36U MEANWELL-GST36U Datasheet
526Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
logo
MORNSUN Science& Techno...
MY03609DA MORNSUN-MY03609DA Datasheet
321Kb / 4P
36W AC/DC Adapter
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
36W SWITCHING ADAPTER
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
36W SWITCHING ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com