Electronic Components Datasheet Search
  English  ▼

X  

SVO30VT504CD Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # SVO30VT504CD
Description  Slim Slide Potentiometer, 15-30mm travel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVO30VT504CD Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  SVO30VT504CD Datasheet HTML 1Page - Apex Electronics Co., Ltd SVO30VT504CD Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVO Series
Slim Slide Potentiometer, 15-30mm travel
02
Lever Options
Part No.
Length
Part No.
Length
Part No.
Length
A1
4.5mm
B2
9.5mm
C2
9.5mm
A2
9.5mm
B3
14.5mm
C3
14.5mm
Lever A
Lever B
Lever C
Drawing
Model
Dimensions
Vertical type
P.C.B Mounting hole detail
Dimensions
Model
S
A
(S+15)
B
(S+12.5)
C
(S+7.5)
D
(S+2.5)
SVO15VT
15
30
27.5
22.5
17.5
SVO20VT
20
35
32.5
27.5
22.5
SVO30VT
30
45
42.5
37.5
32.5
Model
Dimensions
Horizontal type
P.C.B Mounting hole detail
Dimensions
Model
S
A
(S+15)
B
(S+15)
C
(S+10)
SVO15HT
15
30
30
25
SVO20HT
20
35
35
30
SVO30HT
30
45
45
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com