Electronic Components Datasheet Search
  English  ▼

X  

SVO20HT504CD Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # SVO20HT504CD
Description  Slim Slide Potentiometer, 15-30mm travel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

SVO20HT504CD Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  SVO20HT504CD Datasheet HTML 1Page - Apex Electronics Co., Ltd SVO20HT504CD Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SVO Series
Slim Slide Potentiometer, 15-30mm travel
01
Features
Slim body thickness to save space
Insert molded base to avoid from flux adhesion
Low-cost
Dual output available
Optional center detent
Custom options available
Applications
Panel control that requires analog signal change via sliding. Popular
for applications in audio, medical, industrial, or consumer market.
Potentiometer Specification
How to order
SVO
Series
Travel
15 15mm
20 20mm
Center Detent
N No detent
C With detent
30 30mm
Lever
Refer to page 2
Mounting
VT Vertical
HT Horizontal
Resistance
502
5K ohm
103 10K ohm
203 20K ohm
503 50K ohm
104 100K ohm
254 250K ohm
504 500K ohm
Output
S Single
D Dual
Operating Temperature
-10°C to +70°C
Operating Force
20 ~ 110 gf
Total Resistance(K )
5 10 20 50 100 250
500
Total Resistance Tolerance
±20%
Output
Single, dual
Detent
Center detent, no detent
Resistance Taper
Standard linear , custom linear or audio
Slide Travel(mm)
15, 20, 30
Life Cycle
10,000


Similar Part No. - SVO20HT504CD

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
SVOFL-SVPC TEKTRONIX-SVOFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
28 Sep 2016
SVOFL-SVPC TEKTRONIX-SVOFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC
24 Jan 2018
SVONL-SVPC TEKTRONIX-SVONL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
28 Sep 2016
SVONL-SVPC TEKTRONIX-SVONL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC
24 Jan 2018
logo
Festo Corporation.
SVOS-3-1/8 FESTO-SVOS-3-1/8 Datasheet
87Kb / 1P
Front panel valve
4/10/22
More results

Similar Description - SVO20HT504CD

ManufacturerPart #DatasheetDescription
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLD-12-500 SHINMEI-SLD-12-500 Datasheet
250Kb / 8P
2mm Travel Miniature Sized Slide Switch
SLG-22-465 SHINMEI-SLG-22-465 Datasheet
99Kb / 3P
3mm Travel Medium Current Slide Switch
SLM-13-750 SHINMEI-SLM-13-750 Datasheet
79Kb / 4P
2mm Travel Thin Type Slide Switch
SLM-22-610A-1 SHINMEI-SLM-22-610A-1 Datasheet
119Kb / 3P
2mm Travel Miniature Sized Slide Switch
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com