Electronic Components Datasheet Search
  English  ▼

X  

T44A Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # T44A
Description  3.7X3.6mm tact switch, ultra low-profile, SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T44A Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  T44A Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
T44A Series
3.7X3.6mm tact switch, ultra low-profile, SMD
01
Product Features
‧
0.35mm thin thickness
1,000,000 opertional life
Dust-proof design
Large operational area
Custom options available
‧
‧
‧
‧
Applications
Panel control that requires tactile switch with compact features
Popular for applications in handheld, audio, and navigation devices
Specification
Drawing
Operating Temperature
-20°C to +70°C
Operating Force
160, 240 gf
Travel
0.15mm
Total Height
0.35mm
Power Rating
12 VDC at 50mA
Contact Resistance
1Ω
Insulation Resistance
10MΩ
Dielectrical Strength
100VAC for 1-minute
Life Cycle
1,000,000
3.7
3.3
(3.5)
B
B
A
A
0.05
7
.
3
2.5
Circuit diagram
B
B
A
A
Part No.
Operating Force
Operating Life
T44A16R
160 gf
1,000,000
T44A24R
240 gf
500,000
PCB Land Pattern


Similar Part No. - T44A

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
T44-BS11-04 MULTICOMP-T44-BS11-04 Datasheet
223Kb / 1P
Terminal Block 4Way, 15A
18/08/20 V1.0
logo
Littelfuse
T4400 LITTELFUSE-T4400 Datasheet
486Kb / 4P
Built-in frequency control
logo
Ashcroft, Inc.
T442T05 ASHCROFT-T442T05 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
T442T10 ASHCROFT-T442T10 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
T442T15 ASHCROFT-T442T15 Datasheet
1Mb / 4P
T4/T7 Series NEMA 4X, 7/9 Temperature Switches
RevI_10-18-23
More results

Similar Description - T44A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STJN-4 BOURNS-STJN-4 Datasheet
166Kb / 1P
SMD Super-Thin Tact Switch
STJN-5 BOURNS-STJN-5 Datasheet
148Kb / 1P
SMD Thin Tact Switch
logo
ITT Industries
KSB ITT-KSB Datasheet
184Kb / 2P
Low-profile Tact Switch
logo
List of Unclassifed Man...
SKQGAEE010 ETC2-SKQGAEE010 Datasheet
178Kb / 5P
TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
Bourns Electronic Solut...
SDTM-610-KTR BOURNS-SDTM-610-KTR Datasheet
201Kb / 2P
SMD Tact Switch
logo
C&K Components
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
Low-profile Tact Switch
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
Low Profile Tact Switch
logo
List of Unclassifed Man...
TSKA-2SLNB ETC2-TSKA-2SLNB Datasheet
594Kb / 1P
SMD Tact Switch
logo
C&K Components
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
Low Profile Tact Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com