Electronic Components Datasheet Search
  English  ▼

X  

19340100521 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 19340100521
Description  Han HVE HOOD SIDE ENTRY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19340100521 Datasheet(HTML) 2 Page - HARTING Technology Group

  19340100521 Datasheet HTML 1Page - HARTING Technology Group 19340100521 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product data sheet
19 34 010 0521
Han HVE HOOD SIDE ENTRY
Material properties
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
California Proposition 65 substances
Yes
Specifications and approvals
Approvals
DNV GL
CE
Yes
Commercial data
Packaging size
1
Net weight
242.5 g
Country of origin
Germany
European customs tariff number
85389099
eCl@ss
27440202 Shell for industrial connectors
Page 2 / 2 | Creation date 2021-10-01 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to the
user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric Stiftung & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com