Electronic Components Datasheet Search
  English  ▼

X  

201CMQ Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # 201CMQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

201CMQ Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  201CMQ Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 201CMQ Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 201CMQ Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 201CMQ Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 201CMQ Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1187, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
201CMQ SERIES
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +175
C
Storage Temperature
Tstg
-
-55 to +175
C
Typical Thermal Resistance Junction to
Case(Per leg)
RJC
DC operation
0.30
C/W
Typical Thermal Resistance Junction to
Case(Per package)
RJC
DC operation
0.15
C/W
Typical Thermal Resistance, case to
Heat Sink
Rcs
Mounting surface, smooth
and greased
0.05
C/W
Mounting Torque
TM
-
Mounting
Torque
3.84(min)
4.80(max)
Nm
Terminal
Torque
2.35(min)
3.43(max)
Approximate Weight
wt
-
110
g
Case Style
PRM4 Isolated
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop(Per Leg)*
VF1
@ 100A, Pulse, TJ = 25 C
@ 200A, Pulse, TJ = 25 C
0.62
0.76
0.67
0.81
V
VF2
@ 100A, Pulse, TJ = 125 C
@ 200A, Pulse, TJ = 125 C
0.56
0.69
0.58
0.71
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR, TJ = 25 C
0.04
10
mA
IR2
@VR = rated VR, TJ = 125 C
10
90
mA
Junction Capacitance(Per leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
4310
5200
pF
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
Thermal-Mechanical Specifications:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com