Electronic Components Datasheet Search
  English  ▼

X  

ADG790 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG790
Description  Low Voltage, CMOS Multimedia Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG790 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG790 Datasheet HTML 9Page - Analog Devices ADG790 Datasheet HTML 10Page - Analog Devices ADG790 Datasheet HTML 11Page - Analog Devices ADG790 Datasheet HTML 12Page - Analog Devices ADG790 Datasheet HTML 13Page - Analog Devices ADG790 Datasheet HTML 14Page - Analog Devices ADG790 Datasheet HTML 15Page - Analog Devices ADG790 Datasheet HTML 16Page - Analog Devices ADG790 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG790
Rev. 0 | Page 13 of 20
THEORY OF OPERATION
The ADG790 is a single-chip, CMOS switching solution that
comprises four SPDT switches and two 4:1 multiplexers. The
internal architecture used by the device groups the switches into
two sections, each optimized to provide the best performance in
terms of bandwidth and distortion. The on-chip parallel
interface controls the operation of all switches, allowing the
user to control switches from both sections simultaneously.
WIDE BANDWIDTH SECTION
The wide bandwidth section contains three SPDT switches
S1A/S1B-D1, S2A/S2B-D2, and S3A/S3B-D3. These switches
use a CMOS topology that ensures, besides low on resistance
and excellent flatness, the ability to switch signals up to the
supply rails. This, combined with the low switch capacitance,
provides the wide bandwidth required when switching high
frequency signals. The three SPDT switches are also optimized
to provide low propagation delay and excellent matching
between the channels, making the ADG790 ideal for applica-
tions that use multiple signals, such as universal USB switches
(full and high speed), or RGB video signals, such as VGA.
LOW DISTORTION SECTION
The low distortion section contains a single SPDT switch
(S4A/S4B-D4) and two 4:1 multiplexers (S5A/S5B/S5C/S5D-D5
and S6A/S6B/S6C/S6D-D6, respectively). The switches from
this section also use a CMOS topology that exhibits very low on
resistance and flatness while maintaining a wide bandwidth that
makes them suitable for a wide range of applications, including
low distortion audio and standard definition video signals. The
channels from the 4:1 multiplexers are matched to provide
optimal performance when used with differential signals such
as S-Video.
CONTROL INTERFACE
The operation of the ADG790 is controlled via a 4-wire parallel
interface. The logic levels applied to the IN1, IN2, and IN3 pins
control the operation of the switches from both the wide band-
width and low distortion sections, as shown in Table 4. The
shutdown pin (S/D) allows the user to disable all four SPDT
switches and force the 4:1 multiplexers into the S5B and S6B
positions, respectively. This function can be used to set up a low
speed communication protocol between the circuitry from both
sides of the device, which allows automatic configuration of the
switching function.
For example, in modern handset applications, where a single
connector is used as a multifunction communication port, the
S5B-D5 and S6B-D6 configuration obtained by setting the S/D
pin high can be used to detect the type of peripheral device
connected to the handset. The ADG790 then automatically routes
the required signals to the communication port connector.
Table 4. Truth Table
Logic Control Inputs
Switch Status
S/D
IN1
IN2
IN3
S1A-D1
S2A-D2
S3A-D3
S5D-D5
S6D-D6
S1B-D1
S2B-D2
S3B-D3
S4A-D4
S4B-D4
S5A-D5
S6A-D6
S5B-D5
S6B-D6
S5C-D5
S6C-D6
1
X1
X1
X1
Off
Off
Off
Off
Off
On
Off
0
0
0
0
Off
On
Off
On
Off
Off
On
0
0
0
1
On
Off
On
Off
Off
Off
Off
0
0
1
0
Off
On
On
Off
Off
On
Off
0
0
1
1
Off
On
On
Off
Off
Off
On
0
1
0
0
Off
On
On
Off
On
Off
Off
0
1
0
1
On
Off
Off
On
Off
Off
Off
0
1
1
0
Off
On
Off
On
On
Off
Off
0
1
1
1
Off
On
Off
On
Off
On
Off
1 X = logic state doesn’t matter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com