Electronic Components Datasheet Search
  English  ▼

X  

B3655 Datasheet(PDF) 3 Page - EPCOS

Part # B3655
Description  Low-Loss Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3655 Datasheet(HTML) 3 Page - EPCOS

  B3655 Datasheet HTML 1Page - EPCOS B3655 Datasheet HTML 2Page - EPCOS B3655 Datasheet HTML 3Page - EPCOS B3655 Datasheet HTML 4Page - EPCOS B3655 Datasheet HTML 5Page - EPCOS B3655 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Apr 04, 2001
SAW Components
B3655
248,6 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -5 - 75 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1) Temperature dependance of fc: fc(TA) = fc(T0)(1 + TCf(TA – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
248,6
—
MHz
Minimum insertion attenuation
α
min
—
8,3
9,5
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 95 kHz
—
0,4
1,0
dB
fN ± 120 kHz
—
0,6
1,5
dB
Passband width
α
rel ≤ 3,0 dB
B3,0dB
240
410
—
kHz
Absolute group delay (at
fN)
τ
—
2,3
3,0
µs
Group delay ripple (p-p)
∆τ
fN ± 95 kHz
—
0,3
0,7
µs
fN ± 120 kHz
—
0,4
1,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,33 MHz ... fN ± 0,60 MHz
11
18,5
—
dB
fN ± 0,60 MHz ... fN ± 0,80 MHz
22
26
—
dB
fN ± 0,80 MHz ... fN ± 3,00 MHz
30
36
—
dB
fN − 3,00 MHz ... fN − 105 MHz
48
51
—
dB
fN − 105 MHz ... fN − 120 MHz
51
65
—
dB
fN + 3,00 MHz ... fN + 13 MHz
48
51
—
dB
fN + 13 MHz ... fN + 30 MHz
43
46
—
dB
fN + 30 MHz ... fN ± 105 MHz
48
51
—
dB
fN + 105 MHz ... fN + 120 MHz
51
56
—
dB
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—30
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com