Electronic Components Datasheet Search
  English  ▼

X  

B7834 Datasheet(PDF) 2 Page - EPCOS

Part # B7834
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7834 Datasheet(HTML) 2 Page - EPCOS

  B7834 Datasheet HTML 1Page - EPCOS B7834 Datasheet HTML 2Page - EPCOS B7834 Datasheet HTML 3Page - EPCOS B7834 Datasheet HTML 4Page - EPCOS B7834 Datasheet HTML 5Page - EPCOS B7834 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Sep 22, 2004
SAW Components
B7834
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip sized SAW package QCS5C
2
4
5
3
0,075
2,0
bottom view
side view
top view
0.735
0,38
Features
q
Low-loss RF filter for mobile telephone
PCS systems, receive path
q
Usable passband 60 MHz
q
Unbalanced to balanced operation
q
Impedance transformation from 50
Ω to 100Ω
q
Package for Surface Mounted Technology
(SMT)
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,007 g
Pin configuration
1
Input, unbalanced
2, 5
Input ground
3, 4
Output, balanced
2, 5
To be grounded
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B7834
B39202-B7834-C710
C61157-A7-A111
F61074-V8151-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
3V
ESD voltage
VESD
50*
V
Machine Model, 10 pulses
Input power
PS
10
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com