Electronic Components Datasheet Search
  English  ▼

X  

8078229 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8078229
Description  Connecting cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8078229 Datasheet(HTML) 2 Page - Festo Corporation.

  8078229 Datasheet HTML 1Page - Festo Corporation. 8078229 Datasheet HTML 2Page - Festo Corporation. 8078229 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Electrical connection 2, display
without
DC operating voltage range
0 V ... 60 V
Note on operating voltage range DC
0 - 30 V for UL applications
Operating voltage range AC
0 V ... 48 V
Note on operating voltage range AC
0 - 30 V for UL applications
Current rating at 40° C
4 A
Surge resistance
1.5 kV
Cable length
10 m
Cable characteristic
Suitable for energy chains/robot applications
abrasion-resistant
low adhesion
Flame-retardant and self-extinguishing
Connector cable test conditions
Test conditions on request
Torsional resistance: > 300 000 cycles, ±270°/0.1 m
Bending fatigue strength: > 50000 cycles, bending radius 5 mm
Energy chain > 5 million cycles, bending radius 28 mm
Note on connector cable test conditions
tested at 23 °C
Bending radius, fixed cable installation
≥14 mm
Bending radius, flexible cable installation
≥46 mm
Cable diameter
4.5 mm
Cable design
4 x 0.25 mm²
Nominal conductor cross section
0.25 mm²
Wire ends
Stripped
Cut off bluntly
Degree of protection
IP65
IP68
IP69K
Note on degree of protection
In mounted state
Special features
UV-resistant
hydrolysis resistant
Resistant to cooling lubricants
Resistant to microbes
Oil-resistant
Ozone-resistant
Use in exterior area
Locations of use with direct outdoor climatic exposure Class D1 based
on IEC 60654-1
Ambient temperature
-40 °C ... 85 °C
Note on ambient temperature
-40 - 50 °C for UL applications
Note derating
Ambient temperature with flexible cable installation
-20 °C ... 85 °C
Note on ambient temperature with flexible cable installation
-20 - 50 °C for UL applications
Storage temperature
-25 °C ... 55 °C
Note on storage temperature
short-term for transport in packaging -40 ... 85 °C
Relative air humidity
Max. 93% at 40 °C
Nominal altitude of use above sea level
<= 2000 m NHN
Overvoltage category
II
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel by mass
are excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils
Cleanroom class
Class 4 according to ISO 14644-1
Note on materials
CFC-free
RoHS-compliant
Cadmium-free
Halogen-free
Free of phosphoric acid ester
4/29/24 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com