Electronic Components Datasheet Search
  English  ▼

X  

PJS6630 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6630
Description  20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6630 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6630 Datasheet HTML 1Page - Pan Jit International Inc. PJS6630 Datasheet HTML 2Page - Pan Jit International Inc. PJS6630 Datasheet HTML 3Page - Pan Jit International Inc. PJS6630 Datasheet HTML 4Page - Pan Jit International Inc. PJS6630 Datasheet HTML 5Page - Pan Jit International Inc. PJS6630 Datasheet HTML 6Page - Pan Jit International Inc. PJS6630 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PJS6630
January 20,2022
PJS6630-REV.02
Page 1
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
Voltage
20 V
Current
3.6A
SOT-23 6L
Unit : inch(mm)
Features
 Vdrop = 0.2V@Vin=12V, IL=3.6A, RDS(ON)= 53m
Ω
 Vdrop = 0.2V@Vin=5.0V, IL=3.4A, RDS(ON)= 57m
Ω
 Vdrop = 0.2V@Vin=2.5V, IL=2.8A, RDS(ON)= 70m
Ω
 Advanced Trench Process Technology
 Adjustable Turn on/off Slew Rate Control through
external R1, R2 and C1.
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: SOT-23 6L Package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0005 ounces, 0.014 grams
 Marking: SL0
PARAMETER
SYMBOL
RATING
UNITS
Input Voltage Range(Note 1)
VIN
20
V
On/Off Voltage Range
VON/VOFF
12
V
Continuous Load Current(Note 2,3)
ID
3.6
A
Pulsed Load Current(Note 4)
ID
14.4
A
Power Dissipation(Note 2)
PD
0.83
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
o
C
ESD, MIL-STD-883D HBM (100pF/1.5kohm) (Von/off pin)
VESD
2
kV
Typical Junction to Ambient(Note 2)
RθJA
150
o
C/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6630

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
More results

Similar Description - PJS6630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
Load Switch with Controlled Slew Rate
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PJS6631 PANJIT-PJS6631 Datasheet
431Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
logo
Vishay Siliconix
SI4788CY VISHAY-SI4788CY Datasheet
47Kb / 7P
5-A Controlled Slew Rate Load Switch with Level Shift
27-Nov-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com