Electronic Components Datasheet Search
  English  ▼

X  

41-01084 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 41-01084
Description  Female connector 7/8", angled
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

41-01084 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  41-01084 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
scale
/Maßstab:
tolerance of cable/
Kabeltoleranz:
0
0,0
0,00
L <= 4 m: L + 40 mm
L > 4 m: L + 1 %
∢
± 0,50 mm
± 0,25 mm
± 0,10 mm
± 5°
08.10.07
08.10.07
Mankopf
Name
Franz
R
dim. in mm
41K1A302
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr.
drawn/
gez.
DIN-
A4
Female connector 7/8", angled
Kupplung 7/8", gewinkelt
Index:
c Ä21-0343 08.09.21 RBÖ
1 / 1
Technical specification/
Technische Daten:
Overvoltage category/
Überspannungskategorie:
IEC 60664-1
Overvoltage/
Bemessungsstoßspannung:
IEC 60664-1
Rated Voltage/
Bemessungsspannung:
IEC 60664-1
300 V AC / 300 V DC
3/2
2,7 kV
>=100 M
Ö
2
Current rating/
Strombelastbarkeit:
IEC 60512-3
Temperature range/
Umgebungstemperatur:
Insulation resistance/
Isolationswiderstand:
IEC 60512
at/ bei 40 °C
0,75 mm²:
8 A
1,50 mm²: 12 A
>=100
-25 °C ... +80 °C
Pollution degree/
Verschmutzungsgrad:
IEC 60664-1
IP 68, in mated condition/
im verschraubten Zustand
Degree of protection/
Schutzart:
IEC 60529
Termination/
Anschlussart:
crimped/
gecrimpt
Mating cycles/
Steckzyklen:
IEC 60512-9a
black/ schwarz
blue/ blau
green-yellow/ grün-gelb
brown/ braun
white/ weiß
1
2
PE
4
5
Contact assignment/
Kontaktbelegung:
Materials/
Werkstoffe:
Contact/
Kontakt:
CuZn, Ni, Au gal.
Moulding body/
Griffkörper:
TPU, UL 94 HB,
grey/ grau
Contact carrier/
Kontaktträger:
TPU, UL 94 HB
Coupling nut/
Überwurfmutter:
CuZn, Ni
n19
41
1
2
PE
4
5
Temperatur range/
Umgebungstemperatur:
Cable specification/
Kabeleigenschaften:
-25 °C ... +80 °C
Description/
Bezeichnung:
Cable/
Kabel:
Part no/
Art.-Nr.:
41-01084
41-01085
41-01086
41-01087
41-xxxxx
SAL - 7/8 - RKW4PE - 2 / K1
SAL - 7/8 - RKW4PE - 3 / K1
SAL - 7/8 - RKW4PE - 5 / K1
SAL - 7/8 - RKW4PE - 10 / K1
SAL - 7/8 - RKW4PE - ... / K1
TPU, UL 20549,
black/ schwarz,
5x0,75 mm²,
Li9Y11Y
Cable/ Kabel:
781-K17500
Length L/
Länge L:
2 m
3 m
5 m
10 m
x
41-01181
41-01182
41-01183
41-01184
41-xxxxx
SAL - 7/8 - RKW4PE - 2 / K1 / 150
SAL - 7/8 - RKW4PE - 3 / K1 / 150
SAL - 7/8 - RKW4PE - 5 / K1 / 150
SAL - 7/8 - RKW4PE - 10 / K1 / 150
SAL - 7/8 - RKW4PE - ... / K1 / 150
2 m
3 m
5 m
10 m
x
TPU, UL 20549,
black/ schwarz,
5x1,50 mm²,
Li9Y11Y
Cable/ Kabel:
781-K18500


Similar Part No. - 41-01084

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
41-01080 CONEC-41-01080 Datasheet
372Kb / 1P
Female connector 7/8", angled
08.10.07
41-01081 CONEC-41-01081 Datasheet
372Kb / 1P
Female connector 7/8", angled
08.10.07
41-01082 CONEC-41-01082 Datasheet
372Kb / 1P
Female connector 7/8", angled
08.10.07
41-01083 CONEC-41-01083 Datasheet
372Kb / 1P
Female connector 7/8", angled
08.10.07
41-01088 CONEC-41-01088 Datasheet
383Kb / 1P
Male connector 7/8", angled
10.10.07
More results

Similar Description - 41-01084

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
HDMF00201 SHIELD-HDMF00201 Datasheet
293Kb / 2P
7/8 with cable, angled
logo
CONEC Elektronische Bau...
41-00001 CONEC-41-00001 Datasheet
183Kb / 1P
Female connector 7/8", 2posPE
41-00002 CONEC-41-00002 Datasheet
185Kb / 1P
Female connector 7/8", 4pos
41-00003 CONEC-41-00003 Datasheet
187Kb / 1P
Female connector 7/8", 4posPE
logo
Alpha Wire
KR0300113 ALPHAWIRE-KR0300113 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0400108 ALPHAWIRE-KR0400108 Datasheet
133Kb / 2P
Mini Female 7/8?
KR0500109 ALPHAWIRE-KR0500109 Datasheet
132Kb / 2P
Mini Female 7/8?
KR0500115 ALPHAWIRE-KR0500115 Datasheet
134Kb / 2P
Mini Female 7/8?
logo
WAGO Kontakttechnik Gmb...
787-6716-9600-000 WAGO-787-6716-9600-000 Datasheet
75Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Plug, angled
787-6716-9800-000 WAGO-787-6716-9800-000 Datasheet
57Kb / 3P
Pluggable connector, 7/8 inch; 7/8 inch; 5-pole; Socket, angled
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com