Electronic Components Datasheet Search
  English  ▼

X  

LEDFRA9 Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LEDFRA9
Description  12V / 24V RF Controller and Touch Remote - RGB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LEDFRA9 Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LEDFRA9 Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LEDFRA9
DESCRIPTION
12V / 24V RF Controller and Touch Remote - RGB
NET WEIGHT (KG)
0.23
FINISH
Black
DIMENSIONS (MM)
Length - 81
Height - 32
Width - 84
CONSTRUCTION
Construction - Pressed steel
Construction 2 - & polycarbonate
CLASS
III
IP RATING
IP20
INPUT VOLTAGE
12/24V
SECONDARY VOLTAGE
12/24V
LOAD/MAX. LOAD
216W/432W
WIRELESS RANGE
20
BATTERY INCLUDED
No
BATTERY REQUIRED
3 x AAA
STANDBY POWER
0.05W
WARRANTY
1year(s)
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270871609
Date Created: 02/05/2024 06:58
www.mlaccessories.co.uk
LEDFRA9
12V / 24V RF Controller and Touch Remote - RGB


Similar Part No. - LEDFRA9

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LEDFRA1 KNIGHTSBRIDGE-LEDFRA1 Datasheet
175Kb / 1P
12V / 24V In-line RF Controller and Remote
02/05/2024
LEDFRA6 KNIGHTSBRIDGE-LEDFRA6 Datasheet
174Kb / 1P
12V / 24V RF Touch Controller and Remote - RGBW
02/05/2024
LEDFRA7 KNIGHTSBRIDGE-LEDFRA7 Datasheet
198Kb / 1P
12V / 24V RF Controller and Touch Remote
02/05/2024
LEDFRA8 KNIGHTSBRIDGE-LEDFRA8 Datasheet
198Kb / 1P
12V / 24V RF Controller and Touch Remote - CCT
02/05/2024
More results

Similar Description - LEDFRA9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FF0433M92-TEA3 ETC-FF0433M92-TEA3 Datasheet
80Kb / 3P
RF SAW Filter for Wireless Remote Controller
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
SiGe Semiconductor, Inc...
AATIAN81 SIGE-AATIAN81 Datasheet
226Kb / 4P
Dual RGB Controller
logo
ORION FANS
OD1225 ORIONFANS-OD1225 Datasheet
247Kb / 1P
DC FAN - 12V, 24V
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
DC Fan - 12V, 24V and 48V
logo
Lite-On Technology Corp...
HA-1400-12 LITEON-HA-1400-12 Datasheet
307Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1181-28E LITEON-PA-1181-28E Datasheet
336Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1331-92E LITEON-PA-1331-92E Datasheet
381Kb / 3P
Industrial Adapter 12V & 24V Series
PA-1900-88V LITEON-PA-1900-88V Datasheet
324Kb / 3P
Industrial Adapter 12V & 24V Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com