Electronic Components Datasheet Search
  English  ▼

X  

B43504 Datasheet(PDF) 5 Page - EPCOS

Part # B43504
Description  Snap-In Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504 Datasheet(HTML) 5 Page - EPCOS

  B43504 Datasheet HTML 1Page - EPCOS B43504 Datasheet HTML 2Page - EPCOS B43504 Datasheet HTML 3Page - EPCOS B43504 Datasheet HTML 4Page - EPCOS B43504 Datasheet HTML 5Page - EPCOS B43504 Datasheet HTML 6Page - EPCOS B43504 Datasheet HTML 7Page - EPCOS B43504 Datasheet HTML 8Page - EPCOS B43504 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
249 10/02
Compact – 105 °C
B43504
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
200
250
400
420
450
CR (µF)
Case dimensions
d
× l (mm)
47
22
× 25
68
22
× 25
22
× 30
82
22
× 30
22
× 30
22
× 35
100
22
× 35
25
× 25
22
× 35
25
× 30
22
× 35
25
× 30
30
× 25
120
22
× 35
22
× 40
25
× 30
25
× 35
150
22
× 40
30
× 25
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
180
25
× 40
30
× 30
25
× 40
30
× 30
25
× 45
220
22
× 25
22
× 30
25
× 45
30
× 35
35
× 30
25
× 45
30
× 35
25
× 50
30
× 40
35
× 30
270
22
× 25
22
× 35
25
× 50
30
× 40
30
× 45
35
× 35
330
22
× 30
22
× 40
25
× 30
30
× 45
35
× 35
30
× 45
35
× 35
30
× 50
35
× 40
390
22
× 30
25
× 35
30
× 50
30
× 50
35
× 40
35
× 45
470
22
× 35
30
× 25
22
× 50
30
× 30
35
× 45
35
× 45
35
× 50
560
25
× 35
25
× 45
35
× 50
680
25
× 40
35
× 25
25
× 50
30
× 40
820
25
× 45
35
× 30
30
× 45
1 000
30
× 35
35
× 40
1 200
30
× 40
35
× 45
1 500
35
× 40
1 800
35
× 45
2 200
35
× 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com