Electronic Components Datasheet Search
  English  ▼

X  

8078239 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8078239
Description  Connecting cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8078239 Datasheet(HTML) 2 Page - Festo Corporation.

  8078239 Datasheet HTML 1Page - Festo Corporation. 8078239 Datasheet HTML 2Page - Festo Corporation. 8078239 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Electrical connection 2, display
without
DC operating voltage range
0 V ... 250 V
Note on operating voltage range DC
0 - 30 V for UL applications
Operating voltage range AC
0 V ... 250 V
Note on operating voltage range AC
0 - 30 V for UL applications
Current rating at 40° C
4 A
Surge resistance
2.5 kV
Cable length
2.5 m
Cable characteristic
Suitable for energy chains/robot applications
abrasion-resistant
low adhesion
Flame-retardant and self-extinguishing
Connector cable test conditions
Test conditions on request
Torsional resistance: > 300 000 cycles, ±270°/0.1 m
Bending fatigue strength: > 50000 cycles, bending radius 5 mm
Energy chain > 5 million cycles, bending radius 28 mm
Note on connector cable test conditions
tested at 23 °C
Bending radius, fixed cable installation
≥14 mm
Bending radius, flexible cable installation
≥46 mm
Cable diameter
4.5 mm
Cable design
4 x 0.25 mm²
Nominal conductor cross section
0.25 mm²
Wire ends
Stripped
Cut off bluntly
Degree of protection
IP65
IP68
IP69K
Note on degree of protection
In mounted state
Special features
UV-resistant
hydrolysis resistant
Resistant to cooling lubricants
Resistant to microbes
Oil-resistant
Ozone-resistant
Use in exterior area
Locations of use with direct outdoor climatic exposure Class D1 based
on IEC 60654-1
Ambient temperature
-40 °C ... 85 °C
Note on ambient temperature
-40 - 50 °C for UL applications
Note derating
Ambient temperature with flexible cable installation
-20 °C ... 85 °C
Note on ambient temperature with flexible cable installation
-20 - 50 °C for UL applications
Storage temperature
-25 °C ... 55 °C
Note on storage temperature
short-term for transport in packaging -40 ... 85 °C
Relative air humidity
Max. 93% at 40 °C
Nominal altitude of use above sea level
<= 2000 m NHN
Overvoltage category
II
CE marking (see declaration of conformity)
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
To UK instructions for electrical equipment
LABS (PWIS) conformity
VDMA24364-B2-L
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel by mass
are excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils
Cleanroom class
Class 4 according to ISO 14644-1
4/29/24 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com