Electronic Components Datasheet Search
  English  ▼

X  

GF4045TS Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # GF4045TS
Description  Power Modules Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

GF4045TS Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  GF4045TS Datasheet HTML 1Page - SMC Diode Solutions Co. LTD GF4045TS Datasheet HTML 2Page - SMC Diode Solutions Co. LTD GF4045TS Datasheet HTML 3Page - SMC Diode Solutions Co. LTD GF4045TS Datasheet HTML 4Page - SMC Diode Solutions Co. LTD GF4045TS Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2696, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
- 1 -
GF4045TS
GF4045TS Power Modules Schottky Rectifier
* Pulse width < 300 µs, duty cycle < 2%
Features
Mechanical Data
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
Tc=110°C, In DC
40
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse
350
A
Electrical Characteristics
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 40A, Pulse, TJ = 25 C
0.48
0.52
V
Reverse Current*
IR1
@VR = rated VR TJ = 25 C
0.03
0.20
mA
IR2
@VR = rated VR TJ = 100 C
-
12
mA
IR3
@VR = rated VR TJ = 125 C
26
55
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
5840
-
pF
Low thermal resistance
Lower forward voltage drop, low power loss
Isolate Package design, ideal for heat dispersion
High forward current capability
Trench MOS Schottky technology
Excellent anti-humidity
Low profile package
High forward surge capability
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request
Case: GFM
High temperature soldering guaranteed
Heated-tool welding 260℃,10 seconds
Marking Code: GF4045TS
GFM


Similar Part No. - GF4045TS

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GF4045TS-1 SMCDIODE-GF4045TS-1 Datasheet
524Kb / 5P
Power Modules Schottky Rectifier
Rev.-
More results

Similar Description - GF4045TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS408 VISHAY-VSKCS408_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKDS201 VISHAY-VSKDS201_10 Datasheet
175Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
18-May-10
VSKDS408 VISHAY-VSKDS408_09 Datasheet
145Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
logo
Jiangsu APT Semiconduct...
MB400K01F3 APTSEMI-MB400K01F3 Datasheet
172Kb / 3P
Schottky Rectifier Modules
logo
Vishay Siliconix
VS-VSKCS203 VISHAY-VS-VSKCS203 Datasheet
761Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS209 VISHAY-VS-VSKCS209 Datasheet
875Kb / 6P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
logo
Sirectifier Semiconduct...
SRBD40035CT SIRECTIFIER-SRBD40035CT Datasheet
528Kb / 3P
Schottky Barrier Rectifier Diode Modules
SRBD400100CT SIRECTIFIER-SRBD400100CT Datasheet
504Kb / 2P
Schottky Barrier Rectifier Diode Modules
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com