Electronic Components Datasheet Search
  English  ▼

X  

SCT825 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SCT825
Description  25A SCRs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SCT825 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SCT825 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 7Page - SMC Diode Solutions Co. LTD SCT825 Datasheet HTML 8Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Data
Data Sheet N2326, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SCT625 Series
SCT825 Series
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33Ω
-
-
40
mA
VGT
-
-
1.3
V
VGD
VD=VDRM Tj=125℃ RL=3.3KΩ
0.2
-
-
V
IL
IG=1.2IGT
-
-
90
mA
IH
IT=500mA
-
-
80
mA
dV/dt
VD=2/3VDRM Gate Open Tj=125℃
200
-
-
V/μs
Electrical Characteristics(Tj=25℃ unless otherwise specified)
Static Characteristics
Symbol
Condition
Max.
Units
VTM
IT=50A tp=380μs,Tj=25℃
1.55
V
IDRM
VD=VDRM VR=VRRM, Tj=25℃
10
μA
IRRM
VD=VDRM VR=VRRM, Tj=125℃
4
mA
Thermal Resistances
Symbol
Condition
Value
Units
Rth(j-c)
Junction to case(AC)
TO-220A(Ins)
TO-220F(Ins)
1.7
℃
/W
TO-220B(Non-Ins)
TO-220C
1.0
℃
/W
TO-263
1.0
℃
/W
Rth(j-a)
Junction to ambient
TO-263
45
℃
/W
Ordering Information
S CT 6/8 25 B
SMC Diode Solutions
SCRs
A:TO-220A(Ins)
B:TO-220B(Non-Ins)
E:TO-263
F:TO-220F(Ins)
C:TO-220C
6:VDRM/VRRM ≥ 600V
8:VDRM/VRRM ≥ 800V
IT(RMS):25A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com