Electronic Components Datasheet Search
  English  ▼

X  

PJS6833 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJS6833
Description  30V P-Channel Enhancement Mode MOSFET – ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6833 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJS6833 Datasheet HTML 1Page - Pan Jit International Inc. PJS6833 Datasheet HTML 2Page - Pan Jit International Inc. PJS6833 Datasheet HTML 3Page - Pan Jit International Inc. PJS6833 Datasheet HTML 4Page - Pan Jit International Inc. PJS6833 Datasheet HTML 5Page - Pan Jit International Inc. PJS6833 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJS6833
January 20,2022
PJS6833-REV.03
Page 1
30V P-Channel Enhancement Mode MOSFET
– ESD Protected
Voltage
-30 V
Current
-1.1A
SOT-23 6L
Unit: inch(mm)
Features
 RDS(ON) , VGS@-4,5V, ID@-1.1A<370m
Ω
 RDS(ON) , VGS@-2.5V, ID@-0.5A<540m
Ω
 RDS(ON) , VGS@-1.8V, ID@-0.1A<970m
Ω
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard
Mechanical Data
 Case: SOT-23 6L Package
 Terminals: Solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0005 ounces, 0.0141 grams
 Marking: SG3
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
+8
V
Continuous Drain Current
ID
-1.1
A
Pulsed Drain Current(Note 4)
IDM
-4.4
A
Power Dissipation
Ta=25oC
PD
1.25
W
Derate above 25oC
10
mW/ oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal Resistance
-
Junction to Ambient(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJS6833

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results

Similar Description - PJS6833

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJA3433 PANJIT-PJA3433 Datasheet
293Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8405 PANJIT-PJE8405 Datasheet
322Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6833 PANJIT-PJS6833 Datasheet
299Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8805 PANJIT-PJX8805 Datasheet
326Kb / 6P
30V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3407E PANJIT-PJA3407E Datasheet
528Kb / 6P
30V P-Channel Enhancement Mode MOSFET– ESD Protected
November 1,2021 PJA3407E-REV.00
PJA3409E PANJIT-PJA3409E Datasheet
513Kb / 6P
30V P-Channel Enhancement Mode MOSFET– ESD Protected
September 14,2021 PJA3409E-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com