Electronic Components Datasheet Search
  English  ▼

X  

42-10013 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 42-10013
Description  Male connector M8x1 axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

42-10013 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  42-10013 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
scale
/Ma stab:
tolerance of cable/
Kabeltoleranz:
0
0,0
0,00
L <= 4m: L + 40mm
L > 4m: L + 1%
0,50mm
0,25mm
0,10mm
5
02.10.07
02.10.07
Mankopf
Name
Franz
R
dim. in mm
42K1A004
dwg no /
Z.-nr.:
RoHS & REACH compliant/konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr.
drawn/
gez.
DIN-
A4
Male connector M8x1 axial
Stecker M8x1 axial
1,5:1
(2:1)
Index:
"c" 13.12.18 cbe 7620
Status:
InBearbeitung
1 / 1
Description/
Bezeichnung:
SAL - 8 - RS3 - 2 / K1
Cable/
Kabel:
Conec art-no./
Conec Art.-nr.:
42 - 10012
42 - 10014
42 - 10013
SAL - 8 - RS3 - 5 / K1
SAL - 8 - RS3 - 3 / K1
TPU, UL 20549,
black / schwarz,
3x0,25mm ,
Li9YC11Y
Cable / Kabel:
781-K12300
Length L/
L nge L:
2m
5m
3m
42 - 10015
SAL - 8 - RS3 - 10 / K1
10m
42 - xxxxx
SAL - 8 - RS3 - ... / K1
x
brown/ braun
blue/ blau
black/ schwarz
Contact assignment/
Kontaktbelegung:
1
3
4
8
8
M x1
10,1
1
3
4
Width across
flats 9/
SW9
Technical specification:
Technische Daten:
Rated Voltage/
Bemessungsspannung:
IEC 61076-2-104
60 V
Current rating/
Strombelastbarkeit:
IEC 61076-2-104
3 A at / bei 40 C
Insulation resistance/
Isolationswiderstand:
IEC 60512
>=100 M
Pollution degree/
Verschmutzungsgrad:
IEC 60664-1
3/2
>=100
Mating cycles/
Steckzyklen:
IEC 60512-9a
IP 67, in mated condition/
im verschraubten Zustand
Degree of protection/
Schutzart:
IEC 60529
-30 C ... +80 C
-40 C
-30 C ... +85 C
Temperature range/
Umgebungstemperatur:
EN 60512-11-10
EN 60512-11-4
Materials
Werkstoffe:
Contact/
Kontakt:
CuZn, Ni b / Au 0,2 gal.
Contact carrier/
Kontakttr ger:
TPU GF, UL 94 V-0
Moulding body/
Griffk rper:
TPU, UL 94 HB,
grey / grau
Coupling screw/
berwurfschraube:
GD-Zn, Ni
Temperatur range/
Umgebungstemperatur:
static/fest verlegt
flexible/bewegt
-25 C ... +80 C
-40 C ... +80 C
Cable specification:
Kabeleigenschaften:
Installation specification/
Montagedaten:
Recommended torque/
empfohlenes Drehmoment:
0,4 Nm
Conec
Installation tool/
Montagewerkzeug:
Torque wrench/
Drehmomentschl ssel:
36-000200
Insert across flats 9/
Steckeinsatz SW9
:
36-000210


Similar Part No. - 42-10013

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42-10010 CONEC-42-10010 Datasheet
541Kb / 1P
Male connector M8x1 axial
02.10.07
42-10011 CONEC-42-10011 Datasheet
541Kb / 1P
Male connector M8x1 axial
02.10.07
42-10016 CONEC-42-10016 Datasheet
681Kb / 1P
Kupplung M8x1 gewinkelt
02.10.07
42-10017 CONEC-42-10017 Datasheet
681Kb / 1P
Kupplung M8x1 gewinkelt
02.10.07
42-10018 CONEC-42-10018 Datasheet
681Kb / 1P
Kupplung M8x1 gewinkelt
02.10.07
More results

Similar Description - 42-10013

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00099 CONEC-43-00099 Datasheet
140Kb / 1P
Male connector M12x1, field attachable, axial, screw connection
42-00001 CONEC-42-00001 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42-00005 CONEC-42-00005 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
42K1A281 CONEC-42K1A281 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42K1A283 CONEC-42K1A283 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
logo
HARTING Technology Grou...
09-14-002-2641 HARTING-09-14-002-2641 Datasheet
468Kb / 2P
Han 70A axial module, male 6-16mm짼
09-14-002-2601 HARTING-09-14-002-2601 Datasheet
463Kb / 3P
Han 40A axial module, male 2,5-8mm짼
09-14-001-2661 HARTING-09-14-001-2661 Datasheet
458Kb / 2P
Han 200A axial module, male 95mm짼
09-14-001-2634 HARTING-09-14-001-2634 Datasheet
514Kb / 2P
Han PE-module male axial 38qmm
09-14-001-2633 HARTING-09-14-001-2633 Datasheet
514Kb / 2P
Han PE-module male axial 16-35qmm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com