Electronic Components Datasheet Search
  English  ▼

X  

42-10035 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 42-10035
Description  Female connector M8x1 axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

42-10035 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  42-10035 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
scale
/Maßstab:
tolerance of cable/
Kabeltoleranz:
0
0,0
0,00
L <= 4m: L + 40mm
L > 4m: L + 1%
∢
± 0,50mm
± 0,25mm
± 0,10mm
± 5°
04.10.2007
04.10.2007
Mankopf
Name
Franz
R
dim. in mm
42K1A009
Customer Specific Product
dwg no /
Z.-nr.:
RoHS & REACH compliant/konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr.
drawn/
gez.
DIN-
A4
Female connector M8x1 axial
Kupplung M8x1 axial
Index:
b Ä7022 19.12.17 rbo
Status:
InBearbeitung
1 / 1
A
Technical specification:
Technische Daten:
Current rating/
Strombelastbarkeit:
IEC 61076-2-104
Insulation resistance/
Isolationswiderstand:
IEC 60512
Rated Voltage/
Bemessungsspannung:
IEC 61076-2-104
50V AC / 60 DC
-25°C ... +80°C
-40°C
-40°C ... +85°C
>=100 M
IP 67, in mated condition/
im verschraubten Zustand
3 A at / bei 40°C
Pollution degree/
Verschmutzungsgrad:
IEC 60664-1
Temperature range/
Umgebungstemperatur:
EN 60512-11-10
EN 60512-11-4
Degree of protection/
Schutzart:
IEC 60529
3/2
Mating cycles/
Steckzyklen:
IEC 60512-9a
>=100
Temperatur range/
Umgebungstemperatur:
static/fest verlegt
flexible/bewegt
-25°C ... +80°C
-5°C ... +80°C
Cable specification:
Kabeleigenschaften:
Materials/
Werkstoffe:
Contact/
Kontakt:
CuZn, Ni / Au 0,2 gal.
Coupling nut/
Überwurfmutter:
GD-Zn, Ni
Moulding body/
Griffkörper:
TPU, UL 94,
grey/ grau
Sealing/
Dichtung:
Contact carrier/
Kontaktträger:
PA, UL 94
FPM
Installation specification/
Montagedaten:
Recommended torque/
empfohlenes Drehmoment:
0,4 Nm
Conec
Installation tool/
Montagewerkzeug:
Torque wrench/
Drehmomentschlüssel:
36-000200
Insert across flats 9/
Steckeinsatz SW 9
:
36-000210
brown/ braun
white/ weiß
blue/ blau
black/ schwarz
1
2
3
4
Contact assignment/
Kontaktbelegung:
Width across
flats 9/
SW 9
10,1
n
n8
4
3
1
2
Description/
Beschreibung:
SAL - 8 - RK4 - 2 / A1
Cable/
Kabel:
Part no/
Art.-nr.:
42-10032
42-10034
42-10033
SAL - 8 - RK4 - 5 / A1
SAL - 8 - RK4 - 3 / A1
PVC,
grey/ grau,
4x0,25mm²
Cable/ Kabel:
781-A12400
Length L/
Länge L:
2m
5m
3m
42-10035
SAL - 8 - RK4 - 10 / A1
10m
42-xxxxx
SAL - 8 - RK4 - ... / A1
x


Similar Part No. - 42-10035

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42-10030 CONEC-42-10030 Datasheet
588Kb / 1P
Male connector M8x1 angled
04.10.07
42-10031 CONEC-42-10031 Datasheet
588Kb / 1P
Male connector M8x1 angled
04.10.07
42-10036 CONEC-42-10036 Datasheet
799Kb / 1P
Female connector M8x1 axial
04.10.07
42-10037 CONEC-42-10037 Datasheet
799Kb / 1P
Female connector M8x1 axial
04.10.07
42-10038 CONEC-42-10038 Datasheet
799Kb / 1P
Female connector M8x1 axial
04.10.07
More results

Similar Description - 42-10035

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
Female connector M12x1, field attachable, axial, screw connection
42-00001 CONEC-42-00001 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42-00005 CONEC-42-00005 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
42K1A281 CONEC-42K1A281 Datasheet
168Kb / 1P
Male connector M8x1, field attachable, axial, spring-type termination
42K1A283 CONEC-42K1A283 Datasheet
174Kb / 1P
Male connector M8x1, solder cup, axial, solder co nnection
logo
HARTING Technology Grou...
09-14-003-2702 HARTING-09-14-003-2702 Datasheet
463Kb / 2P
Han C axial module, female 6-10mm짼
09-14-003-2701 HARTING-09-14-003-2701 Datasheet
463Kb / 2P
Han C axial module female 2,5-8mm짼
09-14-002-2750 HARTING-09-14-002-2750 Datasheet
461Kb / 2P
Han 100A axial module, female 38 mm짼
09-14-001-2761 HARTING-09-14-001-2761 Datasheet
472Kb / 2P
Han 200A axial module, female 95mm짼
09-11-000-6639 HARTING-09-11-000-6639 Datasheet
478Kb / 2P
Han TC300 female contact axial 95-120mm짼
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com