Electronic Components Datasheet Search
  English  ▼

X  

LIS2L06AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS2L06AL
Description  MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L06AL Datasheet(HTML) 5 Page - STMicroelectronics

  LIS2L06AL_06 Datasheet HTML 1Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 2Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 3Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 4Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 5Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 6Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 7Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 8Page - STMicroelectronics LIS2L06AL_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LIS2L06AL
Mechanical and electrical specifications
5/17
2
Mechanical and electrical specifications
2.1
Mechanical Characteristics
.
Table 2.
Mechanical Characteristics(1)
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V,
T = 25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.(2)
Max.
Unit
Ar
Acceleration Range(3)
FS pin connected to
GND
±1.8
±2.0
g
FS pin connected to
Vdd
±5.4
±6.0
g
So
Sensitivity(4)
Full-scale = 2g
Vdd/5–10%
Vdd/5
Vdd/5+10%
V/g
Full-scale = 6g
Vdd/15–10%
Vdd/15
Vdd/15+10%
V/g
SoDr
Sensitivity Change Vs
Temperature
Delta from +25°C
±0.01
%/°C
Voff
Zero-g Level(4)
T = 25°C
Vdd/2-6%
Vdd/2
Vdd/2+6%
V
OffDr
Zero-g level Change Vs
Temperature
Delta from +25°C
±0.2
mg/°C
NL
Non Linearity(5)
Best fit straight line
Full-scale = 2g
X, Y axis
±0.3
±1.5
%FS
CrossAx Cross-Axis(6)
±2
±4%FS
An
Acceleration Noise
Density
Vdd=3.3V;
Full-scale = 2g
30
µg/
Vt
Self test Output Voltage
Change(7),(8),(9)
T = 25°C
Vdd=3.3V
Full-scale = 2g
X axis
-20
-50
-100
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Y axis
20
50
100
mV
Fres
Sensing Element
Resonance
Frequency(10)
all axes
2.0
kHz
Top
Operating Temperature
Range
-40
+85
°C
Wh
Product Weight
0.08
gram
1.
The product is factory calibrated at 3.3V. The device can be powered from 2.4V to 5.25V. Voff, So and Vt parameters will
vary with supply voltage.
2.
Typical specifications are not guaranteed.
3.
Guaranteed by wafer level test and measurement of initial offset and sensitivity.
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com