Electronic Components Datasheet Search
  English  ▼

X  

M48Z08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z08
Description  5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z08_05 Datasheet HTML 3Page - STMicroelectronics M48Z08_05 Datasheet HTML 4Page - STMicroelectronics M48Z08_05 Datasheet HTML 5Page - STMicroelectronics M48Z08_05 Datasheet HTML 6Page - STMicroelectronics M48Z08_05 Datasheet HTML 7Page - STMicroelectronics M48Z08_05 Datasheet HTML 8Page - STMicroelectronics M48Z08_05 Datasheet HTML 9Page - STMicroelectronics M48Z08_05 Datasheet HTML 10Page - STMicroelectronics M48Z08_05 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
M48Z08, M48Z18
Table 4. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
2. CL = 30pF.
3. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter(1)
M48Z08/M48Z18
Unit
Min
Max
tAVAV
WRITE Cycle Time
100
ns
tAVWL
Address Valid to WRITE Enable Low
0
ns
tAVEL
Address Valid to Chip Enable 1 Low
0
ns
tWLWH
WRITE Enable Pulse Width
80
ns
tELEH
Chip Enable Low to Chip Enable 1 High
80
ns
tWHAX
WRITE Enable High to Address Transition
10
ns
tEHAX
Chip Enable High to Address Transition
10
ns
tDVWH
Input Valid to WRITE Enable High
50
ns
tDVEH
Input Valid to Chip Enable 1 High
30
ns
tWHDX
WRITE Enable High to Input Transition
5
ns
tEHDX
Chip Enable High to Input Transition
5
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
50
ns
tAVWH
Address Valid to WRITE Enable High
80
ns
tAVEH
Address Valid to Chip Enable High
80
ns
tWHQX
(2,3)
WRITE Enable High to Output Transition
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com