Electronic Components Datasheet Search
  English  ▼

X  

USB2514 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2514
Description  USB 2.0 High-Speed 4-Port Hub Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2514 Datasheet HTML 8Page - SMSC Corporation USB2514 Datasheet HTML 9Page - SMSC Corporation USB2514 Datasheet HTML 10Page - SMSC Corporation USB2514 Datasheet HTML 11Page - SMSC Corporation USB2514 Datasheet HTML 12Page - SMSC Corporation USB2514 Datasheet HTML 13Page - SMSC Corporation USB2514 Datasheet HTML 14Page - SMSC Corporation USB2514 Datasheet HTML 15Page - SMSC Corporation USB2514 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
USB 2.0 High-Speed 4-Port Hub Controller
Datasheet
Revision 1.92 (05-08-07)
12
SMSC USB2514
DATASHEET
RBIAS
35
47
I-R
USB Transceiver Bias
A 12.0k
Ω (+/- 1%) resistor is attached from ground to
this pin to set the transceiver’s internal bias settings.
SERIAL PORT INTERFACE
SDA/
SMBDATA/
NON_REM1
22
29
I/OSD12
Serial Data / SMB Data & Port Non Removable Strap
Option
NON_REM1: Non removable port strap
option.
If this strap is enabled by package and configuration
settings (see Table 3.2), this pin will be sampled (in
conjunction
with LOCAL_PWR/SUSP_IND/NON_REM0) at
RESET_N negation to determine if imports [4:1] contain
permanently attached
(non-removable) devices:
NON_REM[1:0] = ‘00’, All ports are
removable,
NON_REM[1:0] = ‘01’, Port 1 is nonremovable,
NON_REM[1:0] = ‘10’, Ports 1 & 2 are
non-removable,
NON_REM[1:0] = ‘11’, Ports 1, 2 & 3
are non-removable
SCL/
SMBCLK/
CFG_SEL0
24
31
I/OSD12
Serial Clock (SCL)
SMBus Clock (SMBCLK)
Configuration Select_SEL0: The logic state of this
multifunction pin is internally latched on the rising edge
of RESET_N (RESET_N negation), and will determine
the hub configuration method as described in Table 3.2,
"SMBus or EEPROM Interface Behavior".
HS_IND/
CFG_SEL1
25
32
I/O12
High-Speed Upstream port indictor & Configuration
Programming Select
HS_IND: High Speed Indicator for upstream port
connection speed.
The active state of the LED will be determined as
follows:
CFG_SEL1 = ‘0’,
HS_IND is active high,
CFG_SEL1 = ‘1’,
HS_IND is active low,
‘Asserted’ = Hub is connected at HS
‘Negated’ = Hub is connected at FS
CFG_SEL1: The logic state of this pin is internally
latched on the rising edge of RESET_N (RESET_N
negation), and will determine the hub configuration
method as described in Table 3.2, "SMBus or EEPROM
Interface Behavior".
Table 3.1 USB2514 Pin Descriptions (continued)
SYMBOL
36 QFN
48 QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com