Electronic Components Datasheet Search
  English  ▼

X  

RLT820-100MGS Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # RLT820-100MGS
Description  IR Laser Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT820-100MGS Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLT820-100MGS Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT820-100MGS Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.roithner-laser.com
2
Electrical Connection
Pin Configuration
Bottom View
11
Outline Dimensions
5.6 mm TO-Can
All dimensions in mm
Precautions
Safety
Laser light emitted from any laser diode may be harmful to the human eye. Avoid looking directly into the laser
diode’s aperture. The use of optical lenses will increase eye hazard
ESD Caution
Always do handle laser diodes with care to prevent electrostatic discharge. We advise to wearing wrist straps,
and grounding all applicable work surfaces, when handling laser diodes
Operating Considerations
Usage of current regulated drive circuits is mandatory We advise to operate this laser diode with a current
source and heat sink, and to never exceed the maximum specifications as outlined in this datasheet.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice.
Pin #
Function
Pin 1
LD Cathode
Pin 2
LD Anode, PD Cathode
Pin 3
PD Anode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com