Electronic Components Datasheet Search
  English  ▼

X  

CP80S56 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CP80S56
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP80S56 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CP80S56 Datasheet HTML 35Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 36Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 37Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 38Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 39Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 40Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 41Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 42Page - List of Unclassifed Manufacturers CP80S56 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Rev0.1 Nov 30, 2005
P.39/
CP80S54/S56
4MHz
0.67
2MHz
0.53
HF mode, Vdd=3V, 4 clock instruction
20MHz
0.75
15MHz
0.59
10MHz
0.46
4MHz
0.24
IDD
Operating current
2MHz
0.15
mA
HF mode, Vdd=5V, 2 clock instruction
20MHz
2.58
15MHz
2.06
10MHz
1.56
4MHz
0.87
IDD
Operating current
2MHz
0.70
mA
HF mode, Vdd=3V, 2 clock instruction
20MHz
1.16
15MHz
0.90
10MHz
0.65
4MHz
0.32
IDD
Operating current
2MHz
0.19
mA
LF mode, Vdd=5V, 4 clock instruction
2MHz
157
1MHz
102
500KHz
112
100KHz
45
IDD
Operating current
32KHz
34
uA
LF mode, Vdd=3V, 4 clock instruction
2MHz
67
1MHz
40
500KHz
34
100KHz
10
IDD
Operating current
32KHz
4.3
uA
LF mode, Vdd=5V, 2 clock instruction
2MHz
250
1MHz
148
500KHz
136
100KHz
48
IDD
Operating current
32KHz
35
uA
LF mode, Vdd=3V, 2 clock instruction
2MHz
113
1MHz
63
500KHz
46
100KHz
13
IDD
Operating current
32KHz
5
uA
CP
80S54/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com