Electronic Components Datasheet Search
  English  ▼

X  

B65843 Datasheet(PDF) 1 Page - EPCOS

Part # B65843
Description  Recommended for xDSL applications with transformer height constraints
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843 Datasheet(HTML) 1 Page - EPCOS

  B65843 Datasheet HTML 1Page - EPCOS B65843 Datasheet HTML 2Page - EPCOS B65843 Datasheet HTML 3Page - EPCOS B65843 Datasheet HTML 4Page - EPCOS B65843 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
295 08/01
s Recommended for xDSL applications with
transformer height constraints
s Low-profile version of EP13 (1,6 mm lower than EP13)
s Distortion performance close to EP13
s Fully compatible with EP13 coils
s EPO cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,34 mm–1
le
= 25,8 mm
Ae
= 19,3 mm2
Amin = 14,9 mm2
Ve
= 498 mm3
Approx. weight 3 g/set
Gapped
Ungapped
1) Preliminary data
Material
AL value
nH
s
approx. mm
µ
e
Ordering code
T381)
63
± 3 %
0,38
67
B65843-P63-A38
100
± 3 %
0,24
106
B65843-P100-A38
160
± 4 %
0,15
170
B65843-P160-B38
200
± 4 %
0,12
213
B65843-P200-B38
250
± 5 %
0,09
266
B65843-P250-J38
315
± 6 %
0,07
335
B65843-P315-C38
400
± 7 %
0,06
426
B65843-P400-E38
T571)
63
± 3 %
0,38
67
B65843-P63-A57
100
± 3 %
0,24
106
B65843-P100-A57
160
± 4 %
0,15
170
B65843-P160-B57
200
± 4 %
0,12
213
B65843-P200-B57
250
± 5 %
0,09
266
B65843-P250-J57
315
± 6 %
0,07
335
B65843-P315-C57
400
± 7 %
0,06
426
B65843-P400-E57
Material
AL value
nH
µ
e
Ordering code
T571)
2400 + 30/– 20 %
2470
B65843-P-R57
T381)
6600 + 40/– 30 %
6910
B65843-P-Y38
FEP0025-L
9,7+0,6
0,3
4,5 _
_
12,8 0,6
gapped (one-sided)
∗)
5,9
B65843
Core
EPO 13


Similar Part No. - B65843

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65843-A-R30 EPCOS-B65843-A-R30 Datasheet
126Kb / 8P
PM/P/P Cores Halves/EP/TT/PR Cores
B65843-A-R57 EPCOS-B65843-A-R57 Datasheet
126Kb / 8P
PM/P/P Cores Halves/EP/TT/PR Cores
B65843-A-R65 EPCOS-B65843-A-R65 Datasheet
126Kb / 8P
PM/P/P Cores Halves/EP/TT/PR Cores
B65843-A-R87 EPCOS-B65843-A-R87 Datasheet
126Kb / 8P
PM/P/P Cores Halves/EP/TT/PR Cores
B65843-A-Y38 EPCOS-B65843-A-Y38 Datasheet
126Kb / 8P
PM/P/P Cores Halves/EP/TT/PR Cores
More results

Similar Description - B65843

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
xDSL Transformer
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
xDSL Transformer
logo
Jauch Quartz Gmbh
SMU2 JAUCH-SMU2_12 Datasheet
116Kb / 1P
recommended for automotive applications
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
xDSL Transformer
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
xDSL Transformer
LAL0562-88 LINKCOM-LAL0562-88 Datasheet
71Kb / 1P
xDSL Transformer
LAL0576-60 LINKCOM-LAL0576-60 Datasheet
71Kb / 1P
xDSL Transformer
LAL1038-60R LINKCOM-LAL1038-60R Datasheet
72Kb / 1P
xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
xDSL Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com