Electronic Components Datasheet Search
  English  ▼

X  

B41693 Datasheet(PDF) 4 Page - EPCOS

Part # B41693
Description  Axial-Lead and Soldering Star Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41693 Datasheet(HTML) 4 Page - EPCOS

  B41693 Datasheet HTML 1Page - EPCOS B41693 Datasheet HTML 2Page - EPCOS B41693 Datasheet HTML 3Page - EPCOS B41693 Datasheet HTML 4Page - EPCOS B41693 Datasheet HTML 5Page - EPCOS B41693 Datasheet HTML 6Page - EPCOS B41693 Datasheet HTML 7Page - EPCOS B41693 Datasheet HTML 8Page - EPCOS B41693 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
309 10/02
B41693 / B41793
Up to 150 °C
Soldering star capacitors
The PC-board hole arrangement specified above is based on circular arcs.
If, however, the mounting holes have to be matched to a standard drilling raster, a spacing of
1,27 mm (1/20″) has proved to be sufficiently accurate if the following arrangements are used:
Dimensions, weights and packing units
d
× l
mm
dmax × lmax
mm
c
± 0,1
mm
Approx. weight
g
Packing units
pieces
12
× 30
13,5
× 32
12,5
5,4
480
14
× 25
15,5
× 27
14,5
6,1
480
14
× 30
15,5
× 32
14,5
7,2
480
16
× 25
17,5
× 27
16,5
7,9
300
16
× 30
17,5
× 32
16,5
9,4
300
16
× 39
17,5
× 41,5
16,5
12,2
200
18
× 30
19,5
× 32
18,5
11,8
300
18
× 39
19,5
× 41,5
18,5
15,4
200
KAL0525-1-E
3±0,1
ø1,3+0,1
Mounting holes
d
ø1,3+0,1
= 12 mm ... 14 mm
= 16 mm ... 18 mm
Mounting holes
d
+0,04
0,02
ø1_
Soldering star is connected to the
negative pole
1,27
d = 12 mm
KAL0356-I
d = 14 mm
KAL0357-R
d = 16 mm
KAL0358-Z
ø1,5+0,1
d = 18 mm
KAL0359-8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com