Electronic Components Datasheet Search
  English  ▼

X  

CD54HC138F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC138F
Description  High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC138F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC138F Datasheet HTML 1Page - Texas Instruments CD54HC138F Datasheet HTML 2Page - Texas Instruments CD54HC138F Datasheet HTML 3Page - Texas Instruments CD54HC138F Datasheet HTML 4Page - Texas Instruments CD54HC138F Datasheet HTML 5Page - Texas Instruments CD54HC138F Datasheet HTML 6Page - Texas Instruments CD54HC138F Datasheet HTML 7Page - Texas Instruments CD54HC138F Datasheet HTML 8Page - Texas Instruments CD54HC138F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS147I
Features
• Select One Of Eight Data Outputs
Active Low for 138, Active High for 238
• l/O Port or Memory Selector
• Three Enable Inputs to Simplify Cascading
• Typical Propagation Delay of 13 ns at VCC = 5 V,
CL = 15 pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2 V to 6 V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5 V
• HCT Types
- 4.5-V to 5.5-V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8 V (Max), VIH = 2 V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC138, ’HC238, ’HCT138, and ’HCT238 are high-speed
silicon-gate CMOS decoders well suited to memory address
decoding or data-routing applications. Both circuits feature
low power consumption usually associated with CMOS
circuitry, yet have speeds comparable to low-power Schottky
TTL logic. Both circuits have three binary select inputs (A0,
A1, and A2). If the device is enabled, these inputs determine
which one of the eight normally high outputs of the
HC/HCT138 series go low or which of the normally low
outputs of the HC/HCT238 series go high.
Two active low and one active high enables (E1, E2, and E3)
are provided to ease the cascading of decoders. The
decoder’s eight outputs can drive ten low-power Schottky
TTL equivalent loads.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC138F3A
-55 to 125
16 Ld CERDIP
CD54HC238F3A
-55 to 125
16 Ld CERDIP
CD54HCT138F3A
-55 to 125
16 Ld CERDIP
CD54HCT238F3A
-55 to 125
16 Ld CERDIP
CD74HC138E
-55 to 125
16 Ld PDIP
CD74HC138M
-55 to 125
16 Ld SOIC
CD74HC138MT
-55 to 125
16 Ld SOIC
CD74HC138M96
-55 to 125
16 Ld SOIC
CD74HC238E
-55 to 125
16 Ld PDIP
CD74HC238M
-55 to 125
16 Ld SOIC
CD74HC238MT
-55 to 125
16 Ld SOIC
CD74HC238M96
-55 to 125
16 Ld SOIC
CD74HC238NSR
-55 to 125
16 Ld SOP
CD74HC238PW
-55 to 125
16 Ld TSSOP
CD74HC238PWR
-55 to 125
16 Ld TSSOP
CD74HC238PWT
-55 to 125
16 Ld TSSOP
CD74HCT138E
-55 to 125
16 Ld PDIP
CD74HCT138M
-55 to 125
16 Ld SOIC
CD74HCT138MT
-55 to 125
16 Ld SOIC
CD74HCT138M96
-55 to 125
16 Ld SOIC
CD74HCT238E
-55 to 125
16 Ld PDIP
CD74HCT238M
-55 to 125
16 Ld SOIC
CD74HCT238M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
October 1997 - Revised August 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC138, CD54/74HCT138,
CD54/74HC238, CD54/74HCT238
High-Speed CMOS Logic 3- to 8-Line Decoder/
Demultiplexer Inverting and Noninverting
[ /Title
(CD74
HC138
,
CD74
HCT13
8,
CD74
HC238
,
CD74
HCT23
8)
/Sub-
ject
(High
Speed


Similar Part No. - CD54HC138F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC138F TI-CD54HC138F Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138F TI-CD54HC138F Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138F TI2-CD54HC138F Datasheet
1Mb / 29P
CDx4HC138, CDx4HCT138, CDx4HC238, CDx4HCT238 High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
REVISED NOVEMBER 2021
CD54HC138F3A TI-CD54HC138F3A Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138F3A TI-CD54HC138F3A Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
More results

Similar Description - CD54HC138F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Texas Instruments
CD74HC138 TI-CD74HC138 Datasheet
43Kb / 7P
High Speed CMOS Logic 3-to-8 Line Decoder/ Demultiplexer Inverting and Non-Inverting
CD54HC138 TI-CD54HC138 Datasheet
352Kb / 14P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD54HC138 TI-CD54HC138_08 Datasheet
360Kb / 15P
High-Speed CMOS Logic 3- to 8-Line Decoder/ Demultiplexer Inverting and Noninverting
CD74HC138-Q1 TI1-CD74HC138-Q1 Datasheet
203Kb / 9P
HIGH-SPEED CMOS LOGIC 3- TO 8-LINE INVERTING DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Texas Instruments
74HC138D-T TI-74HC138D-T Datasheet
765Kb / 19P
High-Speed CMOS Logic 3- to 8-Line Decoder/Demultiplexer Inverting and Noninverting
logo
NXP Semiconductors
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com