Electronic Components Datasheet Search
  English  ▼

X  

CDCF5801ADBQ Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801ADBQ
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801ADBQ Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCF5801ADBQ Datasheet HTML 10Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 11Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 12Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 13Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 14Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 15Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 16Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 17Page - Texas Instruments CDCF5801ADBQ Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
Z = 50
Ω
VDDREF
REFCLK
GNDP
GND
CDCF5801A
100
Ω
150
Ω
150
Ω
PECL
3.3 V
± 10%
100
Ω
R1
R2
CDCF5801A
SCAS816 – MARCH 2006
APPLICATION INFORMATION (continued)
A.
NOTE: If more signal swing is required and an unterminated transmission is on option, then R1 and R2 can both be
replaced with 10-k
Ω resistors.
Figure 10. Driving the CDCF5801A From a Differential Clock Signal
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com