Electronic Components Datasheet Search
  English  ▼

X  

B65511 Datasheet(PDF) 1 Page - EPCOS

Part # B65511
Description  Pot cores are supplied in sets
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65511 Datasheet(HTML) 1 Page - EPCOS

  B65511 Datasheet HTML 1Page - EPCOS B65511 Datasheet HTML 2Page - EPCOS B65511 Datasheet HTML 3Page - EPCOS B65511 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
314 08/01
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,43 mm–1
le
= 10 mm
Ae
= 7 mm2
Ve
= 70 mm3
Approx. weight 0,5 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
-A with center hole
K1
25
± 3 %
0,32
29
B65511-A25-A1
M33
63
± 3 %
0,13
72
B65511-A63-A33
N48
100
± 3 %
0,10
114
B65511-A100-A48
Material
AL value
nH
µe
Ordering code
-A with center hole
N48
1000 + 40/– 30 %
1137
B65511-A-Y48
N30
2000 + 40/– 30 %
2280
B65511-A-Y30
FPK0040-A
5,45 0,4
_
ø1,4+0,05
ø3 0,1
_
B65511
Core
P 7
× 4


Similar Part No. - B65511

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65511 EPCOS-B65511 Datasheet
81Kb / 6P
Ferrites and accessories
B65511 EPCOS-B65511 Datasheet
328Kb / 10P
Ferrites and accessories
logo
TDK Electronics
B65511 TDK-B65511 Datasheet
489Kb / 10P
Ferrites and accessories
logo
EPCOS
B65511A0000Y030 EPCOS-B65511A0000Y030 Datasheet
81Kb / 6P
Ferrites and accessories
B65511A0000Y030 EPCOS-B65511A0000Y030 Datasheet
328Kb / 10P
Ferrites and accessories
More results

Similar Description - B65511

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
RM cores are supplied in sets
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
RM cores are supplied in sets
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
RM cores are supplied in sets
B65819 EPCOS-B65819 Datasheet
144Kb / 6P
RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
RM cores are supplied in sets
B65813 EPCOS-B65813 Datasheet
200Kb / 8P
RM 10 RM cores are supplied in sets
B65491 EPCOS-B65491 Datasheet
72Kb / 2P
P 3,3 횞 2,6 Pot cores are supplied in sets
B65501-D-R33 EPCOS-B65501-D-R33 Datasheet
85Kb / 3P
Pot cores are supplied in sets
logo
Fair-Rite Products Corp...
5678362321 FAIR-RITE-5678362321 Datasheet
516Kb / 1P
Pot Cores
5695140921 FAIR-RITE-5695140921 Datasheet
516Kb / 1P
Pot Cores
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com