Electronic Components Datasheet Search
  English  ▼

X  

LM1185SF5 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1185SF5
Description  150 mA C-MOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1185SF5 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1185SF5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1185SF5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1185SF5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1185SF5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
150 mA C-MOS L.D.O. Regulator
LM1185SF
EQUATION 3-1:
0702 Taejin Technology Co.,Ltd.
HTC
4
The maximum allowable power dissipation (Equation
3-2) is a function of the maximum ambient
temperature(TAMAX), the maximum allowable die
temperature(TJMAX) and the thermal resistance from
junction-to-air(θJA).
EQUATION 3-2:
3.3 Layout Considerations :
The primary path of heat conduction out of the package is via the package leads. Therefore,layouts
having a ground plane,wide traces at the pads,and wide power supply bus lines combine to lower θ JA
and therefore increase the maximum allow able power dissipation limit.
Equation 3-1 can be used in conjunction with
Equation 4-2 to ensure regulator thermal operation
is within limits.Forexample:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com