Electronic Components Datasheet Search
  English  ▼

X  

MJD210 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJD210
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD210 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJD210 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD210 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJD210 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon PNP Power Transistor
MJD210
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -10mA; IB= 0
-25
--
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -0.5 A ;IB= -50mA
--
-0.3
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -2A ;IB= -0.2A
--
-0.75
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= -5A ;IB= -1A
--
-1.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -5A ;IB= -1A
--
-2.5
V
VBE(on)
Base-Emitter On Voltage
IC= -2A; VCE= -1V
--
-1.6
V
ICBO
Collector Cutoff Current
VCB= -40V; IE= 0
VCB= -40V; IE= 0;TC= 125℃
--
-0.1
-0.1
μ
A
mA
IEBO
Emitter Cutoff Current
VEB= -8V; IC= 0
--
-0.1
μ
A
hFE-1
DC Current Gain
IC= -0.5 A ; VCE= -1V
70
--
hFE-2
DC Current Gain
IC= -2A ; VCE= -1V
45
180
hFE-3
DC Current Gain
IC= -5A ; VCE= -2V
10
--
fT
Current-Gain—Bandwidth Product
IC= -0.1 A; VCE= -10V;
ftest = 10MHz
65
--
MHz
COB
Collector Capacitance
IE= 0; VCB= -10V; ftest = 0.1MHz
60
--
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com