Electronic Components Datasheet Search
  English  ▼

X  

STB45N65M5 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STB45N65M5
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STB45N65M5 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STB45N65M5 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STB45N65M5 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STB45N65M5 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
STB45N65M5
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBO
L
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1.0mA
650
--
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID= 0.25mA
3.0
5.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 17.5A
--
78
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±25V;VDS= 0
--
±
0.1
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 650V; VGS= 0
--
1.0
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 100V,
f = 1.0MHz
-
3498
-
pF
Coss
Output Capacitance
-
121
-
Crss
Reverse Transfer Capacitance
-
9
-
RG
Gate resistance
f = 1.0MHz open drain
-
2
-
Ω
Qg
Total Gate Charge
VDD = 520V,
ID = 17.5A,
VGS = 10V
-
95
-
nC
Qgs
Gate-Source Charge
-
21
-
Qgd
Gate-Drain Charge
-
42
-
td(on)
Turn-on Delay Time
VDD = 400V,
ID = 23A,
RG = 4.7Ω
-
83
-
ns
tr
Turn-on Rise Time
-
15
-
td(off)
Turn-off Delay Time
-
12
-
tf
Turn-off Fall Time
-
20
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
35
A
ISM
Pulsed Source Current
-
-
140
VSD
Diode Forward Voltage
ISD= 35A; VGS= 0V
-
-
1.5
V
trr
Reverse Recovery Time
VDD = 100V,IF = 35A,
diF/dt = 100A /μs
-
400
-
ns
Qrr
Reverse Recovery Charge
-
9.5
-
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com