Electronic Components Datasheet Search
  English  ▼

X  

PHN110 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHN110
Description  N-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN110 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHN110 Datasheet HTML 1Page - NXP Semiconductors PHN110 Datasheet HTML 2Page - NXP Semiconductors PHN110 Datasheet HTML 3Page - NXP Semiconductors PHN110 Datasheet HTML 4Page - NXP Semiconductors PHN110 Datasheet HTML 5Page - NXP Semiconductors PHN110 Datasheet HTML 6Page - NXP Semiconductors PHN110 Datasheet HTML 7Page - NXP Semiconductors PHN110 Datasheet HTML 8Page - NXP Semiconductors PHN110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Jun 17
4
Philips Semiconductors
Product specification
N-channel enhancement mode
MOS transistor
PHN110
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
25
K/W
Fig.4 Transient thermal resistance from junction to soldering point as a function of pulse time; typical values.
handbook, full pagewidth
102
10−1
10−6
10−5
10−4
10−3
10−2
10−1
1
tp (s)
10
1
MBG749
Rth j−s
(K/W)
t p
T
P
t
t p
T
δ =
δ =
0.75
0.5
0.1
0
0.05
0.33
0.01
0.02
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com