Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0028 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0028
Description  E-Series Surface Mount Mixer, 1 - 1000MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0028 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0028 Datasheet HTML 1Page - Tyco Electronics MAMXES0028 Datasheet HTML 2Page - Tyco Electronics MAMXES0028 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
M/A-COM Inc. and its affiliates reserve the right tomake changesto the
product(s) or informationcontainedherein without notice. M/A-COM makes
no warranty, representation or guarantee regardingthe suitability of its
products for any particular purpose, nor doesM/A-COM assume anyliability
whatsoever arising out of the use.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product info
E-Series Surface Mount Mixer, 1 – 1000MHz
Parameter
Absolute Maximum
RF Power
50 mW
Peak IF Current
40 mA
Operating/Storage
Temperature
-55
° C to +100° C
Pin Temperature (10
Seconds)
260
0
Function
Pin Number
LO
6
RF
3
IF
2
Ground
1,4,5
Case Ground
–
Unconnected
–
Typical Performance Curves @ +25
°C
Absolute Maximum Ratings
Functional Configuration
MAMXES0028
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
1
201
400
600
800
1000
Frequency (MHz)
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
1
201
400
600
800
1000
Frequency (M Hz)
-75.0
-70.0
-65.0
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
1
201
400
600
800
1000
Frequency (MHz)
10
12
14
16
18
20
22
24
26
1
80
300
500
880
1000
Conversion Loss
L-R Isolation
L- I Isolation
IIP3
LO @ +5dBm
LO @ +7dBm
LO @ +9dBm
LO @ +5dBm
LO @ +7dBm
LO @ +9dBm
LO @ +5dBm
LO @ +7dBm
LO @ +9dBm
LO @ +5dBm
LO @ +7dBm
LO @ +9dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com