Electronic Components Datasheet Search
  English  ▼

X  

PHN405 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHN405
Description  4 N-channel 60 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN405 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHN405 Datasheet HTML 1Page - NXP Semiconductors PHN405 Datasheet HTML 2Page - NXP Semiconductors PHN405 Datasheet HTML 3Page - NXP Semiconductors PHN405 Datasheet HTML 4Page - NXP Semiconductors PHN405 Datasheet HTML 5Page - NXP Semiconductors PHN405 Datasheet HTML 6Page - NXP Semiconductors PHN405 Datasheet HTML 7Page - NXP Semiconductors PHN405 Datasheet HTML 8Page - NXP Semiconductors PHN405 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Mar 17
2
Philips Semiconductors
Product specification
4 N-channel 60 m
Ω FET array
enhancement mode MOS transistors
PHN405
FEATURES
• High-speed switching
• No secondary breakdown
• Very low on-state resistance
• Current monitoring.
APPLICATIONS
• Motor and actuator driver
• Power management
• Synchronized rectification.
DESCRIPTION
Four enhancement mode MOS transistors in a 16-pin
plastic SOT338-1 (SSOP16) package. Two transistors
feature current monitoring (sense FETs).
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT338-1 (SSOP16)
PIN
SYMBOL
DESCRIPTION
1 and 4
d1
drain 1
2s1
source 1
3g1
gate 1
5 and 8
d2
drain 2
6s2
source 2
7g2
gate 2
9g3
gate 3
10
s3
source 3
11 and 15
d3
drain 3
12
m3
current monitor 3
13
g4
gate 4
14
s4
source 4
16
m4
current monitor 4
Fig.1 Simplified outline and symbol.
handbook, full pagewidth
1
8
16
9
MAM276
g2
s2
d2
g3
m3
s3
d3
g1
s1
d1
g4
m4
s4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com