Electronic Components Datasheet Search
  English  ▼

X  

CY74FCT2374ATSOC Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CY74FCT2374ATSOC
Description  8-BIT REGISTER WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CY74FCT2374ATSOC Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CY74FCT2374ATSOC Datasheet HTML 1Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 2Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 3Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 4Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 5Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 6Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 7Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 8Page - Synaptics Incorporated. CY74FCT2374ATSOC Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY74FCT2374T
8-BIT REGISTER
WITH 3-STATE OUTPUTS
SCCS040A – SEPTEMBER 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
5.2
CY74FCT2374CTQCT
FCT2374C
SOIC
SO
Tube
5.2
CY74FCT2374CTSOC
FCT2374C
SOIC – SO
Tape and reel
5.2
CY74FCT2374CTSOCT
FCT2374C
40
°Cto85°C
QSOP – Q
Tape and reel
6.5
CY74FCT2374ATQCT
FCT2374A
–40
°C to 85°C
SOIC
SO
Tube
6.5
CY74FCT2374ATSOC
FCT2374A
SOIC – SO
Tape and reel
6.5
CY74FCT2374ATSOCT
FCT2374A
SOIC
SO
Tube
10
CY74FCT2374TSOC
FCT2374
SOIC – SO
Tape and reel
10
CY74FCT2374TSOCT
FCT2374
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
D
CP
OE
O
H
↑
L
H
L
↑
LL
X
X
H
Z
H = High logic level, L = Low logic level,
X = Don’t care, Z = High-impedance
state,
↑ = Low-to-high clock transition
logic diagram (positive logic)
CP
D
1
11
OE
CP
D0
O0
To Seven Other Channels
32
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com