Electronic Components Datasheet Search
  English  ▼

X  

SST20 Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # SST20
Description  20A TRIACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST20 Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  SST20 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD SST20 Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data
Data Sheet N2166, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST20 Series
FIG.3: Surge peak on-state current versus
number of cycles
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.4: On-state characteristics (maximum
values)
FIG.2: RMS on-state current versus case
temperature
IT(RMS) (A)
P(w)
0
4
8
12
16
20
0
5
10
IT(RMS) (A)
Tc (℃)
0
5
10
15
0
25
50
75
100
125
1
10
100
1000
Number of cycles
0
50
100
150
200
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
1
10
100
Tj=25℃
Tj=Tjmax
20
250
20
30
25
30
200
TO-220A(Ins)
TO-220B(Non-Ins)
15
25
α=180°
t=20ms
One cycle
FIG.6: Relative variations of gate trigger current,
holding current and latching current versus
junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms, and
corresponging value of I t (dI/dt < 100A/μs)
tp(ms)
0.01
0.1
1
10 20
100
ITSM(A), I t (A s)
-40 -20
0
20
40
60 80 100 120 140
IGT,IH,IL(Tj) /IGT,IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
2
2
Tj (℃)
IH&IL
IGT
1000
3000
ITSM
I t2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com