Electronic Components Datasheet Search
  English  ▼

X  

SX014V Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SX014V
Description  Sensitive gate SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SX014V Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SX014V Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2048, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SX014V
SX014CR
SX014 Series Sensitive gate SCRs
Description
SX014V
SX014CR
SOT-223
TO-92CR
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Storage junction temperature range
Tstg
-
-40-150
℃
Operating junction temperature range
Tj
-
-40-110
℃
Repetitive peak off-state voltage (Tj=25℃)
VDRM
-
900
V
Repetitive peak reverse voltage (Tj=25℃)
VRRM
-
900
V
RMS on-state current
I(TRMS)
TO-92CR(TC=50℃)
1.25
A
SOT-223(TC=75℃)
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
-
20
A
I2t value for fusing (tp=10ms)
I2t
-
2
A2s
Critical rate of rise of on-state current
dI/dt
-
50
A/μs
Peak gate current (tp=20μs, Tj=110℃)
IGM
-
0.2
A
Peak gate power (tp=20μs, Tj=110℃)
PGM
-
0.5
W
Average gate power dissipation(Tj=110℃)
PG(AV)
-
0.1
W
The SX014 SCR series provide high dv/dt rate with strong resistance to electromagnetic interface. They are especially
recommended for use on residual current circuit breaker, straight hair, igniter etc.


Similar Part No. - SX014V

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SX011U SMCDIODE-SX011U Datasheet
330Kb / 5P
Sensitive gate SCRs
Rev.A
SX011V SMCDIODE-SX011V Datasheet
330Kb / 5P
Sensitive gate SCRs
Rev.A
SX011VTR SMCDIODE-SX011VTR Datasheet
330Kb / 5P
Sensitive gate SCRs
Rev.A
logo
Honeywell Solid State E...
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01ALP HONEYWELL-SX01ALP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX014V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
logo
Nell Semiconductor Co.,...
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
Sensitive gate SCRs, 1A
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
Sensitive gate SCRs
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
Sensitive gate SCRs
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com