Electronic Components Datasheet Search
  English  ▼

X  

SX040K Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SX040K
Description  Sensitive gate SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SX040K Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SX040K Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SX040K Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SX040K Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SX040K Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SX040K Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2045, Rev.-
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SX040K
Static Characteristics
Symbol
Condition
Max.
Units
VTM
ITM=8A tp=380μs,Tj=25℃
1.5
V
IDRM
VD=VDRM VR=VRRM, Tj=25℃
5
μA
IRRM
VD=VDRM VR=VRRM, Tj=110℃
100
μA
Thermal Resistances
Symbol
Condition
Value
Units
Rth(j-c)
Junction to case
DPAK
6.5
℃
/W
Ordering Information
Device
Package
Shipping
SX040K
DPAK
2500pcs/ reel
SX040KTR
DPAK
2500pcs/ reel
Marking Diagram
S
X
040 K
SMC Diode Solutions
Sensitive gate SCRs
K:DPAK
IT(RMS):4A
Where XXXXX is YYWWL
S
= SMC
X
= Sensitive gate SCRs
040
= Forward Current 4A)
K
= Package type
YY
= Year
WW
= Week
L
= Lot Number



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com