Electronic Components Datasheet Search
  English  ▼

X  

100034700 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 100034700
Description  Pressure Transmitter – With Current Output (2-Wire)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100034700 Datasheet(HTML) 2 Page - Turck, Inc.

  100034700 Datasheet HTML 1Page - Turck, Inc. 100034700 Datasheet HTML 2Page - Turck, Inc. 100034700 Datasheet HTML 3Page - Turck, Inc. 100034700 Datasheet HTML 4Page - Turck, Inc. 100034700 Datasheet HTML 5Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|5
Technical data
Outputs
 
Output 1
Analog output
Output function
Analog output current
Analog output
Current output
4…20  mA
Load
≤ (Supply voltage -10)/20   kΩ
Resolution
<± 0.1  % FS
Accuracy LHR
±0.3 % FS (typical; max. ±0.5 % FS)
Mechanical data
 
Housing material
Stainless-steel/Plastic, 1.4404 (AISI
316L)/polyarylamide 50 % GF UL 94 V-0
Process connection
G1/8'' male thread (back sealing)
according to DIN EN ISO 1179-2 with
FPM profile sealing ring
Pressure connection material
Stainless steel 1.4404 (AISI 316L)
Pressure transducer material
Stainless steel 1.4016 (AISI 430)
Wrench size pressure connection /
coupling nut
24
Max. tightening torque of housing nut
20 Nm
Electrical connection
Connector, M12 × 1
Protection class
IP67
Environmental conditions
 
Ambient temperature
-25…+85  °C
Storage temperature
-50…+100  °C
Shock resistance
100 g, 11 ms, half sinusoidal curve,
all 6 directions, free fall from 1 m onto
concrete (6x) acc. to IEC 68-2-27
Vibration resistance
20 g, 15…2000 Hz, 15…25 Hz with
amplitude ± 15 mm, 1 octave/minute in all
3 directions, 50 continuous loads
Tests/approvals
 
UL registration number
E302799
Reference conditions acc. to IEC
61298-1
 
Temperature
15…+25  °C
Atmospheric pressure
860…1060  hPa abs.
Humidity
45…75  % rel.
Auxiliary power
24 VDC
Temperature behaviour
 
MTTF
1189  years acc. to SN 29500 (Ed. 99) 40
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com