Electronic Components Datasheet Search
  English  ▼

X  

B65531 Datasheet(PDF) 1 Page - EPCOS

Part # B65531
Description  In accordance with IEC 60133
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65531 Datasheet(HTML) 1 Page - EPCOS

  B65531 Datasheet HTML 1Page - EPCOS B65531 Datasheet HTML 2Page - EPCOS B65531 Datasheet HTML 3Page - EPCOS B65531 Datasheet HTML 4Page - EPCOS B65531 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
324 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1,0
15,9
15,9
—
252,0
0,92
16,30
17,70
14,90
289,00
mm–1
mm
mm2
mm2
mm3
m
1,7
1,8
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
25
± 3 %
1,00
20
B65531-D25-A1
40
± 3 %
0,41
32
B65531-D40-A1
M33
40
± 3 %
0,64
32
B65531-D40-A33
63
± 3 %
0,38
50
B65531-D63-A33
N48
100
± 3 %
0,20
80
B65531-D100-A48
160
± 3 %
0,10
127
B65531-+160-A48
250
± 3 %
0,06
199
B65531-+250-A48
400
± 5 %
0,03
318
B65531-D400-J48
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-D with center hole
-W w/o center hole
M33
780 + 30/– 20 %
620
B65531-D-R33
N26
1800 + 30/– 20 % 1430
B65531-D-R26
N30
3500 + 30/– 20 % 2560
B65531-W-R30
T38
7000 + 40/– 30 % 5120
B65531-W-Y38
N87
2000 + 30/– 20 % 1460 1250
< 0,12
(200 mT, 100 kHz, 100 °C)
B65531-W-R87
FPK0069-T
6,95 0,45
_
ø2+0,1
ø4,7 0,2
_
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65531
Core
P 11
× 7


Similar Part No. - B65531

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65531 EPCOS-B65531 Datasheet
353Kb / 11P
Ferrites and accessories
B65531+0160A048 EPCOS-B65531+0160A048 Datasheet
353Kb / 11P
Ferrites and accessories
logo
TDK Electronics
B65531+0160A048 TDK-B65531+0160A048 Datasheet
564Kb / 11P
Ferrites and accessories
logo
EPCOS
B65531+0250A048 EPCOS-B65531+0250A048 Datasheet
353Kb / 11P
Ferrites and accessories
logo
TDK Electronics
B65531+0250A048 TDK-B65531+0250A048 Datasheet
564Kb / 11P
Ferrites and accessories
More results

Similar Description - B65531

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65887 EPCOS-B65887 Datasheet
186Kb / 6P
RM 14 In accordance with IEC 60431
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
PM 114/93 In accordance with IEC 61247
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
cannon ca-bayonet connectors in accordance with vg95234
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
Designed in Accordance with CAN Specification 2.0B
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
Prepared in accordance with Regulation
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
Prepared in accordance with OSHA Hazard communication
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com