Electronic Components Datasheet Search
  English  ▼

X  

1C5821 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 1C5821
Description  SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

1C5821 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  1C5821 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 1C5821 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
DATA SHEET D0076 REV. -
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
1C5820
1C5821
1C5822
SILICON SCHOTTKY RECTIFIER DIE
Very Low Forward Voltage Drop
Applications:
 Switching Power Supply  Converters  Free-Wheeling Diodes  Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
1C5820
1C5821
1C5822
VRWM
-
20
30
40
V
Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form
3
A
Surge Peak Forward Current
IFSM
tp = 8.3 ms, Half Sine Wave
80
A
Thermal Impedance
ZθJX
-
2.5
C/W
Junction Temperature
TJ
-
-55 to+125
C
Storage Temperature
Tstg
-
-55 to+150
C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Forward Voltage Drop 1C5820
1C5821
1C5822
1C5820
1C5821
1C5822
1C5820
1C5821
1C5822
VF1
@ 1A, Pulse, TJ = 25 C
0.36
0.37
0.38
V
VF2
@ 3A, Pulse, TJ = 25 C
0.46
0.48
0.50
V
VF3
@ 9.4A, Pulse, TJ = 25 C
0.65
0.67
0.70
V
Reverse Current
IR
@VRRM , TJ = 25 C
1.5
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz,
VSIG = 50mV (p-p)
265
pF


Similar Part No. - 1C5821

ManufacturerPart #DatasheetDescription
logo
Sensitron
1C5806 SENSITRON-1C5806 Datasheet
149Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER DIE
logo
SMC Diode Solutions Co....
1C5817 SMCDIODE-1C5817 Datasheet
91Kb / 2P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
REV. -
logo
List of Unclassifed Man...
1C5819 ETC1-1C5819 Datasheet
46Kb / 1P
SILICON RECTIFIER DICE
logo
SMC Diode Solutions Co....
1C5819 SMCDIODE-1C5819 Datasheet
91Kb / 2P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
REV. -
More results

Similar Description - 1C5821

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD040SA30A SENSITRON-SD040SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SA45A SENSITRON-SD090SA45A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SB45A SENSITRON-SD125SB45A Datasheet
188Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC150A SENSITRON-SD125SC150A Datasheet
189Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD175SA30A SENSITRON-SD175SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SA30A SENSITRON-SD200SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD200SC200A SENSITRON-SD200SC200A Datasheet
55Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD275SA30A SENSITRON-SD275SA30A Datasheet
181Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SC200A SENSITRON-SD125SC200A Datasheet
190Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SC200A SENSITRON-SD060SC200A Datasheet
165Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com