Electronic Components Datasheet Search
  English  ▼

X  

A11 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A11
Description  Cascadable Amplifier 5 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A11 Datasheet(HTML) 1 Page - Tyco Electronics

  A11 Datasheet HTML 1Page - Tyco Electronics A11 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"#
$
%
& '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
*
*
*
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
,
-
>7: 574
+?
0 . @6 /
>7:
+: 2
. @6 /
>= 0=5;: 4
; ( A1
0 . @6 /
!
" =
2
#
"&B
,!C " " $
" !
!$
$ !,#
$
#
!
!
" ,"
B &
"
!,
, B#
!
B D
#
,!
# &
#
3 #
!
3
B
B !
%$ ! &
!,
0 " 7*
! +$
' $! #
D ,
(
&
C !
'4>*+ ;*
!3 !
!
! !,
3
B
%
.
/
0 %
/ .
1
2 /
=
7*
'=='*
* +'=
+$
' $!
'=='*
*
<=
+'= < !!
)
EE
1
3 4
5
/
1
3 4
+
,
#
$
*
F<
9
F<
<
#
$
9
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
D6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
9
F<
"
!
!
5
/
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=B 3 <
K
9 F<
E73
#
$
#
!
#
!$ B
<=
C,$
!
<
9
< ! &
EE "
!!
)
3
!
!
2 (
#
!


Similar Part No. - A11

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A11 DBLECTRO-A11 Datasheet
241Kb / 1P
DIP PLUG PITCH 2.54mm
logo
M/A-COM Technology Solu...
A11 MA-COM-A11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
List of Unclassifed Man...
A11 ETC2-A11 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
logo
Micrel Semiconductor
A11 MICREL-A11 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
M/A-COM Technology Solu...
A11 MA-COM-A11 Datasheet
632Kb / 3P
Cascadable Amplifier
More results

Similar Description - A11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1008 ETC1-AC1008 Datasheet
111Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA11-2 MA-COM-SMA11-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
Teledyne Technologies I...
AC1008 TELEDYNE-AC1008 Datasheet
188Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1038 TELEDYNE-AC1038 Datasheet
171Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AC1054 TELEDYNE-AC1054 Datasheet
178Kb / 2P
5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com