Electronic Components Datasheet Search
  English  ▼

X  

MS6890GU Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6890GU
Description  Mono 1.1W Power Amplifier Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890GU Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6890GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 9Page - MOSA ELECTRONICS MS6890GU Datasheet HTML 10Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 1.0
9
www.mosanalog.com
DEMO BOARD
Function description
Label 1: Supply Voltage
Supply voltage range is 2.5V to 5.5V, the left of jump is positive and the right of jump is negative.
Label 2: Signal Input
Connected to audio signals.
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Shutdown Control
The system is active mode when the jump is placed left, the shutdown pin of MS6890 is connected to GND.
The system enters shutdown mode when the jump is placed right, the shutdown pin of MS6890 is connected to VDD.
2
1
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com