Electronic Components Datasheet Search
  English  ▼

X  

SMA32 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA32
Description  Cascadable Amplifier 100 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA32 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA32 Datasheet HTML 1Page - Tyco Electronics SMA32 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cascadable Amplifier
100 to 2000 MHz
A32/ SMA32
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
10-2000
10-2000
10-2000
Small Signal Gain (min)
dB
10.0
9.0
8.5
Gain Flatness (max)
dB
±3.0
±0.7
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
21.0
19.0
18.0
IP3
dBm
+32
IP2
dBm
+38
Second Order Harmonic IP
dBm
+40
VSWR Input / Output (max)
1.8:1 / 1.8:1
2.1:1 / 2.1:1
2.3:1 / 2.3:1
DC Current @ 15 Volts (max)
mA
94
98
100
Features
• LOW NOISE FIGURE: 3.5 dB (TYP.)
• HIGH THIRD ORDER IP: +32 dBm (TYP.)
• HIGH OUTPUT LEVEL: +21 dBm (TYP.)
• LOW VSWR: 1.8:1 (TYP.)
Description
The A32 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range. An RF choke is used for DC power supply
decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A32
TO-8
SMA32
Surface Mount
CA32
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 sec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
182ºC/W
Transistor Power Dissipation Pd
0.288 W
Junction Temperature Rise
Above Case Tjc
+52ºC
* Over temperature performance limits for part number CA32, guaranteed from 0
oC to +50oC only.


Similar Part No. - SMA32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA32 MACOM-SMA32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA32 MA-COM-SMA32 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32 MA-COM-SMA32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
Tyco Electronics
SMA32-1 MACOM-SMA32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
More results

Similar Description - SMA32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MA-COM-RA36 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com