Electronic Components Datasheet Search
  English  ▼

X  

SMA37 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA37
Description  Cascadable Amplifier 10 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA37 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA37 Datasheet HTML 1Page - Tyco Electronics SMA37 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
-( 7> 6> ?@ @? 9
0
. A6 /
(4
-( (4
2; 72;@2 46 9
0
. A6 /
: 4
;@ 67: @2 +>6??A 2=5-@ 9
7 9
7? +
!
" =
2
#
" !
"&B
,!C
" " !
#
" $
" !
!$
$ !,
#
$
#
!
! " ,"
B &
"
!,
, B#
!
B D
#
,!
# &
#
3 #
!
3
B
B !
%$ ! &
!,
=!
3 ;< B
!,!
D
$
#
$ *
B #
!
C!
!
! 2 <" D C
$
#
$## &
$# !,
0 "
7*
!
+$
' $!
#
D ,
"
&
C
! '4?*+ ;*
!3 !
!
! !,
3
B
&
.
/
0 &
/ .
1
2 /
=
7*
+'=
+$
' $!
<=
EE
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
F<
9
F<
<
#
$
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
D6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
F<
#
!
!
5
/
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=B 3 <
K
F<
E73
#
$
#
!
#
!$ B
<=
C,$
!
<
9
< ! &
EE "
!!
)
3
!
!
2 (
#
!


Similar Part No. - SMA37

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA37 MACOM-SMA37 Datasheet
105Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
637Kb / 3P
Cascadable Amplifier 10 to 2000 MHz
More results

Similar Description - SMA37

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
A38 MACOM-A38 Datasheet
85Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A39 MACOM-A39_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA33 MA-COM-SMA33 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA36 MA-COM-SMA36 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com