Electronic Components Datasheet Search
  English  ▼

X  

MSE570 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSE570
Description  Amp Bi-polar stepper motor drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSE570 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSE570 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stepper motor drive current settings
MSE570
The motor phase current can be set to suit the motor to be driven by the use of the on-board DIP switch fitted to the
MSE570. The table below shows the nominal phase currents for each setting
Switch
Setting
Nominal Current
per phase
Typical
Motor
Motor
Connections
Typical Power Supply
consumption @
SW2-1
SW2-2
SW2-3
SW2-4
( Amps )
36 Vdc ( Amps )
off
off
off
off
0
off
off
off
on
0.5
1.0
off
off
on
off
0.9
17HS-020
Single winding
1.1
off
off
on
on
1.2
23HS-102
parallel
1.2
off
on
off
off
1.3
1.3
off
on
off
on
1.6
1.4
off
on
on
off
1.85
34HS-106
series
1.5
off
on
on
on
2.1
23HS-104
34HS-209
parallel
series
1.6
on
off
off
off
2.3
23HS-304
parallel
1.7
on
off
off
on
2.5
34HS-109
series
2.0
on
off
on
off
2.7
2.2
on
off
on
on
2.9
34HS-106
parallel
2.4
on
on
off
off
3.0
2.5
on
on
off
on
3.1
2.6
on
on
on
off
3.3
2.8
on
on
on
on
3.5
23HS-309
34HS-109
34HS-209
parallel
parallel
parallel
3.0
Rack mounting power supply
MSE562
The MSE 562 is designed for mounting in a 3U high Eurorack and is
ideal for use with the MSE570 drive card. The unit will power up to 2
small motor axes or a single axis using a 34HS size motor. For
applications requiring multi-axis operation using a combination of
motors requiring high current settings the MSE173 Power supply is
recommended to drive up to 4 motors.
MSE562 provides a 35 Vdc motor rail for optimum high speed
operation using the MSE570 drive together with a 24 Vdc supply for
the drive’s on-board logic circuits.
Alternatively where a small motor is to be used with the PM546 Drive
to obtain ultra high speed operation the
70 Vdc rail may be utilised.
Specification
Width
142.2 mm ( 28E )
Depth
220
mm
Mounting
3U high rack installation
Connector
DIN41612 type D ( 32 way a & c )
AC Supply
230 / 115 Vac 50 or 60 Hz.
Outputs:
5V +0.25 V
1.5A Max
100mV ripple max.
24V + 2.0 V
1.0 A Max.
2.5 V ripple max.
35V +3.0 V
3.0A Max
4.0 V ripple max.
70V +3.0 V
2.0 A Max
14.0 V ripple max.
Connections:
Refer to handbook
Mclennan Servo Supplies Ltd.
Tel: +44 (0)8707 700 700 www.mclennan.co.uk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com