Electronic Components Datasheet Search
  English  ▼

X  

1694541 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1694541
Description  SAC-5P-10,0-PUR/M12FR - Sensor/actuator cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1694541 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1694541 Datasheet HTML 1Page - PHOENIX CONTACT 1694541 Datasheet HTML 2Page - PHOENIX CONTACT 1694541 Datasheet HTML 3Page - PHOENIX CONTACT 1694541 Datasheet HTML 4Page - PHOENIX CONTACT 1694541 Datasheet HTML 5Page - PHOENIX CONTACT 1694541 Datasheet HTML 6Page - PHOENIX CONTACT 1694541 Datasheet HTML 7Page - PHOENIX CONTACT 1694541 Datasheet HTML 8Page - PHOENIX CONTACT 1694541 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, free cable end, on
Socket angled M12, coding: A, cable length: 10 m
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Commercial data
Item number
1694541
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF03
Product key
BF1CDA
Catalog page
Page 201 (C-2-2019)
GTIN
4017918178413
Weight per piece (including packing)
331 g
Weight per piece (excluding packing)
314 g
Customs tariff number
85444290
Country of origin
DE
SAC-5P-10,0-PUR/M12FR - Sensor/actuator cable
1694541
https://www.phoenixcontact.com/us/products/1694541
Feb 13, 2024, 1:41 AM
Page 1 (18)


Similar Part No. - 1694541

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1694509 PHOENIX-1694509 Datasheet
549Kb / 18P
SAC-3P- 1,5-PUR/M12FR - Sensor/actuator cable
1694512 PHOENIX-1694512 Datasheet
135Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PUR/M12FR
09/11/2020
1694525 PHOENIX-1694525 Datasheet
555Kb / 18P
SAC-3P- 5,0-PUR/M12FR - Sensor/actuator cable
logo
Adels-Contact
169453 ADELS-169453 Datasheet
115Kb / 1P
AC 166 VSE white
12/11/2019
logo
PHOENIX CONTACT
1694538 PHOENIX-1694538 Datasheet
555Kb / 18P
SAC-3P-10,0-PUR/M12FR - Sensor/actuator cable
More results

Similar Description - 1694541

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403889 PHOENIX-1403889 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/10,0-PUR/M12FS
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1681017 PHOENIX-1681017 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR B
1681059 PHOENIX-1681059 Datasheet
118Kb / 9P
Sensor/Actuator cable - SAC-3P-10,0-PUR/M12FR-2L B
1442764 PHOENIX-1442764 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-5P- 3,0-PUR/M12FR P
09/11/2020
1669903 PHOENIX-1669903 Datasheet
142Kb / 11P
Sensor/actuator cable - SAC-5P- 5,0-PUR/M12FR-3L
09/11/2020
1683374 PHOENIX-1683374 Datasheet
134Kb / 10P
Sensor/actuator cable - SAC-5P-10,0-PUR/M12FS
09/11/2020
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1476884 PHOENIX-1476884 Datasheet
1Mb / 8P
SAC-5P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com